Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1212006U1000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1212006U1000
Description  Minimized skew for parallel transmission protocols
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1212006U1000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1212006U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1212006U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1212006U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1212006U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.772
67.0
72.0
64.0
70.0
65.2
72.2
62.2
68.2
--
-
-
1.8
1.8
19.4
-
1
65.3
70.3
62.3
68.3
63.3
70.3
60.3
66.3
63.8
67.8
60.8
64.8
2.0
2.0
20.0
20.0
4
56.3
61.3
53.3
59.3
52.2
59.3
49.2
55.3
51.8
55.8
48.8
52.8
4.1
4.0
23.0
23.0
8
51.8
56.8
48.8
54.8
46.0
53.1
43.0
49.1
45.7
49.7
42.7
46.7
5.8
5.7
24.5
24.5
10
50.3
55.3
47.3
53.3
43.8
50.9
40.8
46.9
43.8
47.8
40.8
44.8
6.5
6.4
25.0
25.0
16
47.2
52.2
44.2
50.2
39.0
46.1
36.0
42.1
39.7
43.7
36.7
40.7
8.2
8.1
25.0
25.0
20
45.8
50.8
42.8
48.8
36.5
43.7
33.5
39.7
37.8
41.8
34.8
38.8
9.3
9.1
25.0
25.0
25
44.3
49.3
41.3
47.3
33.9
41.1
30.9
37.1
35.8
39.8
32.8
36.8
10.4
10.2
24.3
24.3
31.25
42.9
47.9
39.9
45.9
31.2
38.5
28.2
34.5
33.9
37.9
30.9
34.9
11.7
11.4
23.6
23.6
62.5
38.4
43.4
35.4
41.4
21.4
29.0
18.4
25.0
27.9
31.9
24.9
28.9
17.0
16.7
21.5
21.5
100
35.3
40.3
32.3
38.3
13.3
21.3
10.3
17.3
23.8
27.8
20.8
24.8
22.0
21.0
20.1
20.1
200
-
35.8
-
33.8
-
7.3
-
3.3
-
21.8
-
18.8
-
30.5
-
18.0
250
-
34.3
-
32.3
-
1.9
--
-
19.8
-
16.8
-
34.4
-
17.3
300
-
33.1
-
31.1
-
--
--
-
-
-
-
38.0
-
16.8
350
-
32.1
-
30.1
-
--
--
-
-
-
-
41.4
-
16.3
400
-
31.3
-
29.3
-
--
--
-
-
-
-
44.6
-
15.9
* TIA/EIA-568-B.2 Category 5e Standard.
Values above 350 MHz for engineering purposes only.
Frequency
NEXT (dB)
PSNEXT (dB)
ACR (dB)
PSACR (dB)
ELFEXT (dB)
PSELFEXT (dB)
Insertion Loss
(dB/100 m)
Return Loss (dB)
(MHz)
TIA *
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
TIA*
Spec.
DataTwist 1212 Cable CMR
4.72 mm (0.186 in.)
18.88 mm (0.744 in.)
3.0 kg/100 m (20.0 lb/kft)
DataTwist 1213 Cable CMP
4.78 mm (0.188 in.)
19.12 mm (0.752 in.)
3.3 kg/100 m (22.0 lb/kft)
DataTwist 1224 Cable LSZH
5.03 mm (0.198 in.)
20.12 mm (0.792 in.)
3.0 kg/100 m (20.0 lb/kft)
4-pair,
24 AWG
Nominal
O.D.
Min. Bend
Radius
Weight
(Cable Only)
3
Key Electrical Attributes
Key Physical Attributes
Mechanical Characteristics
Minimum Recommended Installation
Temperature: 5˚C (40˚F)
Temperature Rating: 60˚C (140˚F)
Transmission Characteristics
Values up to 350 MHz are minimum
guaranteed values
Values above 350 MHz are for
information only
DC Resistance @ 20˚C, max.:
8.9 ohms/100 m
DC Resistance Unbalance,
max.: 3%
Mutual Capacitance, max.:
5.6 nF/100 m
Capacitance Unbalance Pair
to Ground, max.: 330 pF/100 m
Input Impedance:
- 100 ± 15 ohms from 1 to 100 MHz
- 100 ± 22 ohms from 101 to 200 MHz
Nominal Velocity of Propagation (NVP):
- Plenum: 72% @ 10 MHz
- Riser: 68% @ 10 MHz
Propagation Delay (Skew), max.:
25 ns/100 m
Qualifications
• Meets or exceeds the Category 5e
requirements per ANSI/TIA/EIA-568-A.5
or TIA/EIA-568-B.2
• Exceeds the Category 5 requirements
per ANSI/TIA/EIA-568-A, CSA T529-95
and ISO/IEC 11801-1995
Exceeds the Category 5 requirements
per NEMA Standard WC 63.1-1996
Exceeds the Category 5 requirements
of ICEA S-90-661-1997
Riser: ITS/ETL Certified as CMR, and listed
as NEC Type CMR per UL Standard 444
Plenum: ITS/ETL Certified as CMP, and listed
as NEC Type CMP per UL Standard 444
LSZH: ISO/IEC 332-1, 754-2 and 1034-2
NP-288r1 DataTwist 1200 Cables.qxd:Layout 1
10/11/10
10:04 AM
Page 3


Similar Part No. - 1212006U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1212006U1000 BELDEN-1212006U1000 Datasheet
174Kb / 3P
   Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
More results

Similar Description - 1212006U1000

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM327LP ELM-ELM327LP Datasheet
471Kb / 94P
   Automatically searches for protocols
logo
TT Electronics.
QS001 TTELEC-QS001 Datasheet
304Kb / 1P
   Parallel transmission line terminator
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com