Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C66A-10SU-1.8 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT93C66A-10SU-1.8
Description  3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66A-10SU-1.8 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT93C66A-10SU-1.8 Datasheet HTML 1Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 2Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 3Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 4Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 5Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 6Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 7Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 8Page - ATMEL Corporation AT93C66A-10SU-1.8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
3378F–SEEPR–04/04
Note:
1. This parameter is characterized and is not 100% tested.
AC Characteristics
Applicable over recommended operating range from T
AI = 40°C to + 85°C, TAE = 40°C to +125°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
fSK
SK Clock
Frequency
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
0
0
0
2
1
0.25
MHz
t
SKH
SK High Time
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
tSKL
SK Low Time
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
tCS
Minimum CS
Low Time
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
CSS
CS Setup Time
Relative to SK
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
50
200
ns
tDIS
DI Setup Time
Relative to SK
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
400
ns
tCSH
CS Hold Time
Relative to SK
0
ns
tDIH
DI Hold Time
Relative to SK
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
400
ns
tPD1
Output Delay to “1”
AC Test
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
t
PD0
Output Delay to “0”
AC Test
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
tSV
CS to Status Valid
AC Test
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
1000
ns
tDF
CS to DO in High
Impedance
AC Test
CS = VIL
2.7V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
150
400
ns
tWP
Write Cycle Time
10
ms
4.5V
≤ V
CC ≤ 5.5V
0.1
3
ms
Endurance
(1)
5.0V, 25°C, Page Mode
1M
Write Cycles


Similar Part No. - AT93C66A-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66A-10SU-1.8 ATMEL-AT93C66A-10SU-1.8 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C66A-10SU-1.8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
   Two-wire Serial EEPROM 2K (256 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com