Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHM1521 Datasheet(PDF) 4 Page - TDK Electronics

Part # HHM1521
Description  Multilayer Balun
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HHM1521 Datasheet(HTML) 4 Page - TDK Electronics

  HHM1521_15 Datasheet HTML 1Page - TDK Electronics HHM1521_15 Datasheet HTML 2Page - TDK Electronics HHM1521_15 Datasheet HTML 3Page - TDK Electronics HHM1521_15 Datasheet HTML 4Page - TDK Electronics HHM1521_15 Datasheet HTML 5Page - TDK Electronics HHM1521_15 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150419 / rf_balun_hhm1521_en.fm
20150419 / rf_balun_hhm1521_en.fm
HHM1521
FREQUENCY CHARACTERISTICS
INSERTION LOSS
AMPLITUDE BALANCE
RETURN LOSS
PHASE BALANCE
5.0
4.0
4.5
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0.0
Frequency(MHz)
2100
2200
2300
2400
2500
2600
2700
2
1
4
3
5
–4
–5
–2
–3
–1
0
Frequency(MHz)
2100
2200
2300
2400
2500
2600
2700
30
2100
2200
2300
2400
2500
2600
2700
20
25
15
10
5
0
Frequency(MHz)
155
175
185
195
170
165
160
180
190
200
205
Frequency(MHz)
2100
2200
2300
2400
2500
2600
2700


Similar Part No. - HHM1521_15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1521 TDK-HHM1521 Datasheet
166Kb / 9P
   Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
More results

Similar Description - HHM1521_15

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1904A1 TDK-HHM1904A1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1905C2 TDK-HHM1905C2 Datasheet
71Kb / 6P
   Multilayer Balun
HHM1907B1 TDK-HHM1907B1 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1710J1 TDK-HHM1710J1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1522B1 TDK-HHM1522B1_15 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1526 TDK-HHM1526_15 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1545 TDK-HHM1545 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1570B1 TDK-HHM1570B1_15 Datasheet
71Kb / 6P
   Multilayer Balun
HHM1583B1 TDK-HHM1583B1_15 Datasheet
72Kb / 6P
   Multilayer Balun
HHM1591D1 TDK-HHM1591D1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1524B1 TDK-HHM1524B1_15 Datasheet
68Kb / 6P
   Multilayer Balun
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com