Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9843060500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9843060500
Description  24 AWG stranded (7x32) TC conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9843060500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9843060500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9843060500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9843060500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2919 (300 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
120
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
12.800
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
23.000
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.6
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
24
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
2.3
Nom. Attenuation:
Attenuation (dB/100 ft.)
0.6 (@ 1 MHz)
Max. Operating Voltage - UL:
Voltage
300 V RMS (UL AWM Style 2919)
Max. Recommended Current:
Current
Page 2 of 3
02-24-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9843 Multi-Conductor - Low Capacitance Computer Cables for EIA RS-485 Applications


Similar Part No. - 9843060500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9843060500 BELDEN-9843060500 Datasheet
258Kb / 3P
   RS485, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
98430605000 BELDEN-98430605000 Datasheet
258Kb / 3P
   RS485, 3 Pr #24 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
More results

Similar Description - 9843060500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8641 ETC2-8641 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
9832 ETC2-9832 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1344218 ETC2-1344218 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1351568 ETC2-1351568 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation
1344219 ETC2-1344219 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs
9841 ETC2-9841 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
9842 ETC2-9842 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com