Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8461 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8461
Description  18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8461 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8461 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8461 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
Description:
18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
18
7x26
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
Wall Thickness (in.)
PVC - Polyvinyl Chloride .022
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (in.)
PVC - Polyvinyl Chloride .028
Overall Cable
Overall Nominal Diameter:
0.234 in.
Pair
Pair Color Code Chart:
Number Color
1
Black & White
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
Bulk Cable Weight:
24 lbs/1000 ft.
Max. Recommended Pulling Tension:
45 lbs.
Min. Bend Radius (Install)/Minor Axis:
2.500 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
CEC/C(UL) Specification:
CMG
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
Page 1 of 2
02-01-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8461 Multi-Conductor - High-Conductivity Copper Speaker Cable Twisted Jacket Con


Similar Part No. - 8461

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8461 FILTRAN-8461 Datasheet
196Kb / 2P
   LAN 10/100 Base-TX Dual Port Transformer Modules
logo
API Technologies Corp
8461 APITECH-8461 Datasheet
916Kb / 2P
   10/100 Base-TX Dual Port Transformer Modules
logo
PHOENIX CONTACT
8461 PHOENIX-8461 Datasheet
178Kb / 7P
   IB IL 24 DI8/HD-XC-PAC
logo
Belden Inc.
8461 BELDEN-8461 Datasheet
250Kb / 2P
   Electronic, 2 C #18 Str TC, PVC Ins, PVC Jkt, CMG
logo
Heyco.
8461 HEYCO-8461 Datasheet
120Kb / 1P
   Nylon Locknuts
More results

Similar Description - 8461

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1346341 ETC2-1346341 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
9740 ETC2-9740 Datasheet
100Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1344557 ETC2-1344557 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1351708 ETC2-1351708 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
28389 ETC2-28389 Datasheet
32Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
1348323 ETC2-1348323 Datasheet
98Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation, twisted pair, chrome PVC jacket
29545 ETC2-29545 Datasheet
29Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket.
1344417 ETC2-1344417 Datasheet
96Kb / 2P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1348168 ETC2-1348168 Datasheet
102Kb / 3P
   18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com