Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7C132-25 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # 7C132-25
Description  2Kx8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C132-25 Datasheet(HTML) 1 Page - Cypress Semiconductor

  7C132-25 Datasheet HTML 1Page - Cypress Semiconductor 7C132-25 Datasheet HTML 2Page - Cypress Semiconductor 7C132-25 Datasheet HTML 3Page - Cypress Semiconductor 7C132-25 Datasheet HTML 4Page - Cypress Semiconductor 7C132-25 Datasheet HTML 5Page - Cypress Semiconductor 7C132-25 Datasheet HTML 6Page - Cypress Semiconductor 7C132-25 Datasheet HTML 7Page - Cypress Semiconductor 7C132-25 Datasheet HTML 8Page - Cypress Semiconductor 7C132-25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2Kx8 Dual-Port Static RAM
fax id: 5201
CY7C132/CY7C136
CY7C142/CY7C146
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
December 1989 – Revised March 27, 1997
1CY 7C13 2/ CY7C1 36
Features
• True Dual-Ported memory cells which allow simulta-
neous reads of the same memory location
• 2K x 8 organization
• 0.65-micron CMOS for optimum speed/power
• High-speed access: 15 ns
• Low operating power: ICC = 90 mA (max.)
• Fully asynchronous operation
• Automatic power-down
• Master CY7C132/CY7C136 easily expands data bus
width to 16 or more bits using slave CY7C142/CY7C146
• BUSY output flag on CY7C132/CY7C136; BUSY input
on CY7C142/CY7C146
• INT flag for port-to-port communication (52-pin
PLCC/PQFP versions)
• Available in 48-pin DIP (CY7C132/142), 52-pin PLCC and
52-pin TQFP (CY7C136/146)
• Pin-compatible and functionally equivalent to
IDT7132/IDT7142
Functional Description
The
CY7C132/CY7C136/CY7C142
and
CY7C146
are
high-speed CMOS 2K by 8 dual-port static RAMs. Two ports
are provided to permit independent access to any location in
memory. The CY7C132/ CY7C136 can be utilized as either a
standalone 8-bit dual-port static RAM or as a MASTER du-
al-port RAM in conjunction with the CY7C142/CY7C146
SLAVE dual-port device in systems requiring 16-bit or greater
word widths. It is the solution to applications requiring shared
or buffered data such as cache memory for DSP, bit-slice, or
multiprocessor designs.
Each port has independent control pins; chip enable (CE),
write enable (R/W), and output enable (OE). BUSY flags are
provided on each port. In addition, an interrupt flag (INT) is
provided on each port of the 52-pin PLCC version. BUSY sig-
nals that the port is trying to access the same location currently
being accessed by the other port. On the PLCC version, INT
is an interrupt flag indicating that data has been placed in a
unique location (7FF for the left port and 7FE for the right port).
An automatic power-down feature is controlled independently
on each port by the chip enable (CE) pins.
The CY7C132/CY7C142 are available in 48-pin DIP. The
CY7C136/CY7C146 are available in 52-pin PLCC and PQFP.
Notes:
1.
CY7C132/CY7C136 (Master): BUSY is open drain output and requires pull-up resistor.
CY7C142/CY7C146 (Slave): BUSY is input.
2.
Open drain outputs; pull-up resistor required.
Logic Block Diagram
Pin Configuration
C132-1
C132-2
13
14
15
16
17
18
19
20
21
22
23
26
27
28
32
31
30
29
33
36
35
34
24
25
GND
R/WL
BUSYL[1]
CEL
OEL
A 10L
A 0L
A 0R
A 10R
R/WR
CER
OER
CER
OER
CEL
OEL
R/WL
R/WR
I/O7L
I/O0L
I/O7R
I/O0R
BUSYR[1]
INTL[2]
INTR[2]
ARBITRATION
LOGIC
(7C132/7C136 ONLY)
AND
INTERRUPTLOGIC
(7C136/7C146 ONLY)
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
1
2
3
4
5
6
7
8
9
10
11
38
39
40
44
43
42
41
45
48
47
46
12
37
R/WL
CEL
BUSYL
A10L
OEL
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
CER
R/WR
BUSYR
A10R
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
VCC
DIP
Top View
7C132
7C142


Similar Part No. - 7C132-25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C1351-40 CYPRESS-7C1351-40 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1351-50 CYPRESS-7C1351-50 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1351-66 CYPRESS-7C1351-66 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
7C1359A-100 CYPRESS-7C1359A-100 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
7C1359A-133 CYPRESS-7C1359A-133 Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
More results

Similar Description - 7C132-25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
   1Kx8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com