Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN08035 Datasheet(PDF) 2 Page - ice Components, Ins.

Part # IN08035
Description  Isat is the current at which the inductance drops by 15%.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08035 Datasheet(HTML) 2 Page - ice Components, Ins.

  IN08035 Datasheet HTML 1Page - ice Components, Ins. IN08035 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P/N:IN08035
Inductance vs. Current
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
1234
5678
Current (A)
+25 degC
+125 degC
PAGE 2 OF 2


Similar Part No. - IN08035

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08032 ICE-IN08032 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08034 ICE-IN08034 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08037 ICE-IN08037 Datasheet
58Kb / 2P
   Isat is the current at which the inductance drops by 20%.
More results

Similar Description - IN08035

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08132 ICE-IN08132 Datasheet
37Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN09003 ICE-IN09003 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%
IN08032 ICE-IN08032 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08006 ICE-IN08006 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
ICA-2194 ICE-ICA-2194 Datasheet
56Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08146 ICE-IN08146 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08075 ICE-IN08075 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN09011 ICE-IN09011 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08050 ICE-IN08050 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08074 ICE-IN08074 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08133 ICE-IN08133 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com