Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24010DRCRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24010DRCRG4
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24010DRCRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24010DRCRG4 Datasheet HTML 5Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 6Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 7Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 8Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 9Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 10Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 11Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 12Page - Texas Instruments BQ24010DRCRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
bq24010,bq24012, bq24013, bq24014
SLUS530F − SEPTEMBER 2002 − REVISED AUGUST 2005
www.ti.com
9
FUNCTIONAL DESCRIPTION
The bqTINY
t supports a precision Li-Ion, Li-Pol charging system suitable for single-cells . Figure 2 shows a typical charge
profile, application circuit and Figure 5 shows an operational flow chart.
DC +
1
2
3
4
10
9
8
5
IN
VCC
OUT
VSS
STAT1
STAT2
7
6
BAT
TS
PG
ISET
bq24010DRC
+
BATTERY
PACK
PACK+
PACK−
RT1
RT2
VCC
CHARGE
DONE
POWERGOOD
0.47
µF
0.1
µF
RSET
DC −
UDG−02109
Figure 3. Typical Application Circuit
USB PORT
0.47
µF
0.1
µF
1
2
3
4
10
9
8
5
IN
VCC
OUT
VSS
STAT1
STAT2
7
6
BAT
ISET
bq24013DRC
+
BATTERY
PACK
PACK+
PACK−
SYSTEM
&
USB
CONTROLLER
CE
D+
D−
VBUS
GND
TTE
SI1032x
100 mA / 500 mA
2.26 k
9.09 k
UDG−02127
Figure 4. USB Charger Circuit


Similar Part No. - BQ24010DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24010DRCRG4 TI-BQ24010DRCRG4 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24010DRCRG4 TI1-BQ24010DRCRG4 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results

Similar Description - BQ24010DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com