Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV040A-10CC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT17LV040A-10CC
Description  FPGA Configuration EEPROM Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV040A-10CC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT17LV040A-10CC Datasheet HTML 1Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 2Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 3Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 4Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 5Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 6Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 7Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 8Page - ATMEL Corporation AT17LV040A-10CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
AT17LV65/128/256/512/010/002/040
2321E–CNFG–06/03
Block Diagram
Notes:
1. This pin is only available on AT17LV65/128/256 devices.
2. This pin is only available on AT17LV512/010/002 devices.
Device Description
The control signals for the configuration EEPROM (CE, RESET/OE and CCLK) inter-
face directly with the FPGA device control signals. All FPGA devices can control the
entire configuration process and retrieve data from the configuration EEPROM without
requiring an external intelligent controller.
The configuration EEPROM RESET/OE and CE pins control the tri-state buffer on the
DATA output pin and enable the address counter. When RESET/OE is driven High, the
configuration EEPROM resets its address counter and tri-states its DATA pin. The CE
pin also controls the output of the AT17LV series configurator. If CE is held High after
the RESET/OE reset pulse, the counter is disabled and the DATA output pin is tri-
stated. When OE is subsequently driven Low, the counter and the DATA output pin are
enabled. When RESET/OE is driven High again, the address counter is reset and the
DATA output pin is tri-stated, regardless of the state of CE.
When the configurator has driven out all of its data and CEO is driven Low, the device
tri-states the DATA pin to avoid contention with other configurators. Upon power-up, the
address counter is automatically reset.
This is the default setting for the device. Since almost all FPGAs use RESET Low and
OE High, this document will describe RESET/OE.
POWER ON
RESET
SER_EN
WP1
(2)
WP2
(2)
(1)
READY
(2)


Similar Part No. - AT17LV040A-10CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV040 ATMEL-AT17LV040 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17LV040-10TQU ATMEL-AT17LV040-10TQU Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV040A-10CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_08 Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com