Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S27KS0641DPBHV020 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S27KS0641DPBHV020
Description  HyperRAM??Self-Refresh DRAM 3.0V/1.8V 64 Mb (8 MB)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S27KS0641DPBHV020 Datasheet(HTML) 4 Page - Cypress Semiconductor

  S27KS0641DPBHV020 Datasheet HTML 1Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 2Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 3Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 4Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 5Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 6Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 7Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 8Page - Cypress Semiconductor S27KS0641DPBHV020 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Document Number: 001-97964 Rev. *E
Page 4 of 29
S27KL0641, S27KS0641
ADVANCE
2. HyperRAM Product Overview
The HyperRAM Family consists of multiple density option, 1.8V or 3.0V core and I/O, synchronous self-refresh Dynamic RAM
(DRAM) memory devices. This family provides a HyperBus slave interface to the host system. HyperBus has an 8 bit (1 byte) wide
DDR data bus and uses only word-wide (16-bit data) address boundaries. Read transactions provide 16 bits of data during each
clock cycle (8 bits on both clock edges). Write transactions take 16 bits of data from each clock cycle (8 bits on each clock edge).
Figure 2.1 HyperRAM Interface
Read and write transactions require two clock cycles to define the target row address and burst type, then an initial access latency of
tACC. During the Command-Address (CA) part of a transaction, the memory will indicate whether an additional latency for a required
refresh time (tRFH) is added to the initial latency; by driving the RWDS signal to the High state. During the CA period the third clock
cycle will specify the target word address within the target row. During a read (or write) transaction, after the initial data value has
been output (or input), additional data can be read from (or written to) the row on subsequent clock cycles in either a wrapped or
linear sequence. When configured in linear burst mode, the device will automatically fetch the next sequential row from the memory
array to support a continuous linear burst. Simultaneously accessing the next row in the array while the read or write data transfer is
in progress, allows for a linear sequential burst operation that can provide a sustained data rate of 333 MB/s (1 byte (8 bit data bus)
* 2 (data clock edges) * 166 MHz = 333 MB/s).
CS#
CK#
CK
DQ[7:0]
RWDS
VSS
VSSQ
VCC
VCCQ
RESET#


Similar Part No. - S27KS0641DPBHV020

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S27KS0642 INFINEON-S27KS0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHA020 INFINEON-S27KS0642GABHA020 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHA023 INFINEON-S27KS0642GABHA023 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHB020 INFINEON-S27KS0642GABHB020 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHB023 INFINEON-S27KS0642GABHB023 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
More results

Similar Description - S27KS0641DPBHV020

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S80KS5123 INFINEON-S80KS5123 Datasheet
827Kb / 54P
   512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with Octal xSPI interface
002-31340 Rev. *C
S80KS5122 INFINEON-S80KS5122 Datasheet
1,002Kb / 53P
   512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31338 Rev. *B
S80KS2562 INFINEON-S80KS2562 Datasheet
1Mb / 54P
   256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31337 Rev. *C
S80KS2563 INFINEON-S80KS2563 Datasheet
877Kb / 53P
   256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with Octal xSPI interface 1.8 V
002-31339 Rev. *C
S70KL1282 INFINEON-S70KL1282 Datasheet
1Mb / 57P
   128Mb HYPERRAM??self-refresh DRAM(PSRAM)
002-29416 Rev. *B
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com