Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S27KS0641DPBHI020 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S27KS0641DPBHI020
Description  HyperRAM??Self-Refresh DRAM 3.0V/1.8V 64 Mb (8 MB)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S27KS0641DPBHI020 Datasheet(HTML) 5 Page - Cypress Semiconductor

  S27KS0641DPBHI020 Datasheet HTML 1Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 2Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 3Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 4Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 5Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 6Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 7Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 8Page - Cypress Semiconductor S27KS0641DPBHI020 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Document Number: 001-97964 Rev. *E
Page 5 of 29
S27KL0641, S27KS0641
ADVANCE
3.
HyperBus Interface
For the general description of how the HyperBus interface operates in HyperRAM memories, refer to the HyperBus specification.
The following section describes HyperRAM device dependent aspects of HyperBus interface operation.
All bus transactions can be classified as either read or write. A bus transaction is started with CS# going Low with CK = Low and
CK# = High. The transaction to be performed is presented to the HyperRAM device during the first three clock cycles in a DDR
manner using all six clock edges. These first three clocks transfer three words of Command / Address (CA0, CA1, CA2) information
to define the transaction characteristics:
Read or write transaction
Whether the transaction will be to the memory array or to register space.
Whether a read transaction will use a linear or wrapped burst sequence
The target half-page address (row and upper order column address)
The target Word (within half-page) address (lower order column address)
Once the transaction has been defined, a number of idle clock cycles are used to satisfy initial read or write access latency
requirements before data is transferred. During the Command-Address portion of all transactions, RWDS is used by the memory to
indicate whether additional initial access latency will be inserted for a required refresh of the memory array.
When data transfer begins, read data is edge aligned with RWDS transitions or write data is center aligned with clock transitions.
During read data transfer, RWDS serves as a source synchronous data timing strobe. During write data transfer, clock transitions
provide the data timing reference and RWDS is used as a data mask. When RWDS is Low during a write data transfer, the data byte
is written into memory; if RWDS is High during the transfer the byte is not written.
Data is transferred as 16-bit values with the first eight bits transferred on a High going CK (write data or CA bits) or RWDS edge
(read data) and the second eight bits being transferred on the Low going CK or RWDS edge. Data transfers during read or write
operations can be ended at any time by bringing CS# High when
CK = Low and CK# = High.
The clock may stop in the idle state while CS# is High.
The clock may also stop in the idle state for short periods while CS# is Low, as long as this does not cause a transaction to exceed
the CS# maximum time low (tCSM) limit. This is referred to as Active Clock Stop mode. In some HyperBus devices this mode is used
for power reduction. However, due to the relatively short tCSM period for completing each data transfer, the Active Clock Stop mode
is generally not useful for power reduction but, may be used for short duration data flow control by the HyperBus master.
3.1
Command-Address Bit Assignments
Table 3.1 Command-Address Bit Definitions
CA Bit#
Bit Name
Bit Function
47
R/W#
Identifies the transaction as a read or write.
R/W# = 1 indicates a Read transaction
R/W# = 0 indicates a Write transaction
46
Address Space
(AS)
Indicates whether the read or write transaction accesses the memory or register spaces.
AS = 0 indicates memory space.
AS = 1 indicates the register space.
The register space is used to access device ID and Configuration registers.
45
Burst Type
Indicates whether the burst will be linear or wrapped.
Burst Type = 0 indicates wrapped burst
Burst Type = 1 indicates linear burst
44-35 (64 Mb)
Reserved
Reserved for future row address expansion.
Reserved bits should be set to 0 by the HyperBus master.
34-22 (64 Mb)
Row Address
Row component of the target address: System word address bits A23-A9.
21-16
Upper Column
Address
Upper Column component of the target address: System word address bits A8-A3.


Similar Part No. - S27KS0641DPBHI020

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S27KS0642 INFINEON-S27KS0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHA020 INFINEON-S27KS0642GABHA020 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHA023 INFINEON-S27KS0642GABHA023 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHB020 INFINEON-S27KS0642GABHB020 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S27KS0642GABHB023 INFINEON-S27KS0642GABHB023 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
More results

Similar Description - S27KS0641DPBHI020

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
S80KS5123 INFINEON-S80KS5123 Datasheet
827Kb / 54P
   512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with Octal xSPI interface
002-31340 Rev. *C
S80KS5122 INFINEON-S80KS5122 Datasheet
1,002Kb / 53P
   512 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31338 Rev. *B
S80KS2562 INFINEON-S80KS2562 Datasheet
1Mb / 54P
   256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with HYPERBUS??interface 1.8 V
002-31337 Rev. *C
S80KS2563 INFINEON-S80KS2563 Datasheet
877Kb / 53P
   256 Mb: HYPERRAM??self-refresh dynamic RAM (DRAM) with Octal xSPI interface 1.8 V
002-31339 Rev. *C
S70KL1282 INFINEON-S70KL1282 Datasheet
1Mb / 57P
   128Mb HYPERRAM??self-refresh DRAM(PSRAM)
002-29416 Rev. *B
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com