Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW614AZ Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQW614AZ
Description  GU (General Use) Type [2-Channel (Form A Form B) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW614AZ Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQW614AZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW614AZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW614AZ Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
78
1
2
3
4
8
N.C.
N.O.
7
6
5
GU (General Use) Type
[2-Channel (Form A Form B)
Type]
mm inch
6.4
.252
9.78
.385
3.6
±0.2
.142
±.008
6.4
.252
9.78
.385
3.9
±0.2
.154
±.008
FEATURES
1. Approx. 1/2 the space compared
with the mounting of a set of 1 Form A
and 1 Form B photoMOS relays
2. Applicable for 1 Form A 1 Form B
use as well as two independent 1 Form
A and 1 Form B use
3. Low thermal electromotive force
(Approx. 1
µV)
4. Eliminates the need for a counter
electromotive force protection diode in
the drive circuits on the input side
5. Controls load currents up to 0.13 A
with an input current of 5 mA with load
voltage of 400 V
6. High speed switching: operate time
of 300
µs typical.
7. Eliminates the need for a power sup-
ply to drive the power MOSFET
8. Extremely low closed-circuit offset
voltages to enable control of small an-
alog signals without distortion (Typical
100 pA at 400 V)
9. Stable on resistance
TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Computer
TYPES
*Indicate the peak AC and DC values.
Note: For space reasons, the package type indicator "X" and "Z" are omitted from the seal.
Type
Output rating*
Part No.
Packing quantity
Load
voltage
Load
current
Through hole ter-
minal
Surface-mount terminal
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3-pin side
Picked from the
4/5/6-pin side
AC/DC type
400 V
100 mA
AQW614
AQW614A
AQW614AX
AQW614AZ
1 tube contains
40 pcs.
1 batch contains
400 pcs.
1,000 pcs.
RATINGS
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQW614(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage
VL
400 V
Continuous load current
IL
0.1 A (0.13 A)
Peak AC, DC
( ): in case of using only 1a or 1b,
1 channel
Peak load current
Ipeak
0.3 A
100 ms (1 shot), VL = DC
Power dissipation
Pout
800 mW
Total power dissipation
PT
850 mW
I/O isolation voltage
Viso
1,500 V AC
Between input and output/between
contact sets
Temperature limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
PhotoMOS
RELAYS


Similar Part No. - AQW614AZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW614EH NAIS-AQW614EH Datasheet
48Kb / 3P
   PhotoMOS RELAYS
logo
Panasonic Semiconductor
AQW614EH PANASONIC-AQW614EH Datasheet
88Kb / 4P
   Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
logo
Nais(Matsushita Electri...
AQW614EHA NAIS-AQW614EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
logo
Panasonic Semiconductor
AQW614EHA PANASONIC-AQW614EHA Datasheet
88Kb / 4P
   Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
logo
Nais(Matsushita Electri...
AQW614EHAX NAIS-AQW614EHAX Datasheet
48Kb / 3P
   PhotoMOS RELAYS
More results

Similar Description - AQW614AZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com