Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6AE101A Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S6AE101A
Description  Energy Harvesting PMIC for Wireless Sensor Node
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AE101A Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S6AE101A Datasheet HTML 2Page - Cypress Semiconductor S6AE101A Datasheet HTML 3Page - Cypress Semiconductor S6AE101A Datasheet HTML 4Page - Cypress Semiconductor S6AE101A Datasheet HTML 5Page - Cypress Semiconductor S6AE101A Datasheet HTML 6Page - Cypress Semiconductor S6AE101A Datasheet HTML 7Page - Cypress Semiconductor S6AE101A Datasheet HTML 8Page - Cypress Semiconductor S6AE101A Datasheet HTML 9Page - Cypress Semiconductor S6AE101A Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Document Number: 002-08493 Rev. *B
Page 6 of 23
S6AE101A
6. Electrical Characteristics
The electrical characteristics excluding the effect of external resistors and external capacitors are shown in below.
Table 6-1 Electrical Characteristics (System Overall)
(Unless specified otherwise, these are the electrical characteristics under the recommended operating environment.)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Minimum Input power
in start-up
WSTART
VDD pin, Ta = +25°C, VVOUTH setting =3V,
By applying 0.4 µA to VDD, when VOUT1
reaches 3V × 95% after the point when
VDD reaches 3V.
1.2
µW
Consumption current 1
IQIN1
VDD pin input current, VDD=3V,
Open VBAT pin, SW2 = OFF, Ta = +25°C,
SET_VOUTFB resistance = 50 M
Ω,
VOUT1 Load = 0 mA
250
390
nA
Power detection voltage
VDETH
VDD, VBAT ,VINT pin
1.0
1.4
2.0
V
Power undetection voltage
VDETL
VDD, VBAT ,VINT pin
0.9
1.3
1.9
V
Power detection hysteresis
VDETHYS
VDD, VBAT ,VINT pin
0.1
V
VOUT maximum voltage
VVOUTH
VSTORE1 pin,
VOUT1 Load=0 mA
VSYSH ≥ 2V
VSYSH×0.950
VSYSH
VSYSH×1.050
V
VSYSH < 2V
VSYSH×0.935
VSYSH
VSYSH×1.065
V
Input power reconnect
voltage
VVOUTM
VSTORE1 pin,
VOUT1 Load=0 mA
VSYSH ≥ 2V
VVOUTH
×0.90250
VVOUTH
× 0.95
VVOUTH
× 0.99750
V
VSYSH < 2V
VVOUTH
×0.88825
VVOUTH
× 0.95
VVOUTH
×1.01175
V
VOUT minimum voltage
VVOUTL
VSTORE1 pin,
VOUT1 Load=0 mA
VSYSL ≥ 2V
VSYSL×0.950
VSYSL
VSYSL×1.050
V
VSYSL < 2V
VSYSL×0.935
VSYSL
VSYSL×1.065
V
OVP detection voltage
VOVPH
VDD pin
5.2
5.4
5.5
V
OVP release voltage
VOVPL
VDD pin
5.1
5.3
5.4
V
OVP detection hysteresis
VOVPHYS
VDD pin
0.1
V
OVP protection current
IOVP
VDD pin input current
6
mA
Table 6-2 Electrical Characteristics (Switch)
VDD
≥ 3V, VBAT ≥ 3V, VINT ≥ 3V, VVOUTL ≥ 3V, VSTORE1 ≥ VVOUTL
(Unless specified otherwise, these are the electrical characteristics under the recommended operating environment.)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
On resistance 1
RON1
SW1, In connection of VSTORE1 pin and
VOUT1 pin
1.5
2.5
Ω
On resistance 2
RON2
SW2, In connection of VDD pin and
VSTORE1 pin
5
10
k
Ω
On resistance 4
RON4
SW4, In connection of VDD pin and
VSTORE1 pin
5
10
k
Ω
Discharge resistance
RDIS
VOUT1 pin
1
2
k
Ω


Similar Part No. - S6AE101A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
   Energy Harvesting PMIC for Wireless Sensor Node
S6AE103A CYPRESS-S6AE103A Datasheet
2Mb / 36P
   Energy Harvesting PMIC for Wireless Sensor Node
More results

Similar Description - S6AE101A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
   Energy Harvesting PMIC for Wireless Sensor Node
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
Cypress Semiconductor
MB39C811 CYPRESS-MB39C811 Datasheet
2Mb / 36P
   Ultra Low Power Buck PMIC Solar/Vibrations Energy Harvesting
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Advantech Co., Ltd.
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com