Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25V01A-G Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM25V01A-G
Description  128-Kbit (16K 횞 8) Serial (SPI) F-RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V01A-G Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM25V01A-G Datasheet HTML 7Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 8Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 9Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 10Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 11Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 12Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 13Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 14Page - Cypress Semiconductor FM25V01A-G Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FM25V01A
Document Number: 001-90881 Rev. *E
Page 11 of 22
Device ID
The FM25V01A device can be interrogated for its manufacturer,
product identification, and die revision. The RDID opcode 9Fh
allows the user to read the manufacturer ID and product ID, both
of
which
are
read-only
bytes.
The
JEDEC-assigned
manufacturer ID places the Cypress (Ramtron) identifier in bank
7; therefore, there are six bytes of the continuation code 7Fh
followed by the single byte C2h. There are two bytes of product
ID, which includes a family code, a density code, a sub code, and
the product revision code.
Table 6. Device ID
Device ID
(9 bytes)
Device ID Description
71–16
(56 bits)
15–13
(3 bits)
12–8
(5 bits)
7–6
(2 bits)
5–3
(3 bits)
2–0
(3 bits)
Manufacturer ID
Product ID
Family
Density
Sub
Rev
Rsvd
7F7F7F7F7F7FC22108h
0111111101111111011111110111
1111011111110111111111000010
001
00001
00
001
000
Figure 15. Read Device ID
CS
SCK
SO
SI
Opcode
01
2
3
456
7
0
7
6
5
4
3
2
1
4445 46
55 5657 58596061 6263 64 65 6667 6869 7071
10
0
1
1
1
1
1
LSB
MSB
HI-Z
47 48 49 50 51 52 53 54
9-Byte Device ID
D7 D6 D5 D4 D3 D2 D1 D0
D3
D1
D7
D2
D0
D5
D3
D1
D4
D2
D7
D5
D3
D6
D4
D6
D0
D1
D7
D5
D0
D6
D3
D1
D2
D0
D2
D4


Similar Part No. - FM25V01A-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V01A-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com