Electronic Components Datasheet Search |
|
CBC3150-D9C Datasheet(PDF) 1 Page - Cymbet Corporation |
|
CBC3150-D9C Datasheet(HTML) 1 Page - Cymbet Corporation |
1 / 17 page ©2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com DS-72-40 Rev C Page 1 of 17 CBC-EVAL-10B System Features and Overview CBC-EVAL-10B is a demonstration kit that provides designers a platform to easily develop Energy Harvesting (EH) solutions using the EnerChipTM CBC3150 configured to operate in an energy harvesting mode. The kit combines a small solar panel, power management circuit, energy storage, regulated output voltage, and input/output pins for connection to commercially available microcontroller (MCU) and radio boards. A 16-pin CBC51100 module is included as a daughter board, providing the EH functions, battery management, and 100µAh of solid state rechargeable energy storage. CBC-EVAL-10B is a practical, low cost realization of an EH-based power system that can provide many years of service without need of battery maintenance. CBC-EVAL-10B has the following elements: • Energy harvesting circuitry that matches the impedance of photovoltaic cells to ensure maximum power transfer to system load and on- board energy storage devices • Solid state energy storage with thousands of charge-discharge cycles available • Integrated battery management that controls battery charging and discharge cutoff, ensuring maximum service life of on-board storage cells • Provision for additional energy storage (primary or rechargeable batteries) with switchover control circuit to meet application requirements • Input overvoltage protection and extra high impedance for use with smaller solar cells • Input/output headers for connection to system components such as radios and microcontrollers • On-board charge status LED and push-button The photovoltaic (PV) panel included in the CBC-EVAL- 10B converts ambient light energy into electrical energy, which is fed into the CBC3150 device residing on the CBC51100 module. The CBC3150 performs several important functions: • Matches the load impedance of the PV transducer to the EnerChip impedance to ensure maximum power conversion efficiency from the PV cells to the energy storage and system load. • Controls charge voltage and discharge cutoff circuit for maximizing the service life of the EnerChip batteries within the CBC3150 and auxiliary CBC050 energy storage device on the CBC51100 module. • Manages internal circuitry for switching from PV power to EnerChip (or external battery) power when ambient light level is too low to power the system and/or recharge the energy storage devices. CBC-EVAL-10B is shown in Figure 1. The CBC-EVAL-10B kit block diagram is shown in Fig. 2. Figure 1: CBC-EVAL-10B Demo Kit. EnerChip™ CC Energy Harvester Evaluation Kit Figure 2: EnerChip CBC-EVAL-10B Demo Kit block diagram. The functions in the center block are performed by the EnerChip CBC51100 module. Photovoltaic Cells Input Power Tracking Start-Up Current Mgmt. Overvoltage Protection Battery Management Power Management Energy Storage Output Voltage Regulation I/O Control External Battery and Control (Optional) Product Discontinued - Not for New Designs |
Similar Part No. - CBC3150-D9C |
|
Similar Description - CBC3150-D9C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |