Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-72-40 Datasheet(PDF) 8 Page - Cymbet Corporation

Part # DS-72-40
Description  EnerChip??CC Energy Harvester Evaluation Kit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

DS-72-40 Datasheet(HTML) 8 Page - Cymbet Corporation

Back Button DS-72-40 Datasheet HTML 4Page - Cymbet Corporation DS-72-40 Datasheet HTML 5Page - Cymbet Corporation DS-72-40 Datasheet HTML 6Page - Cymbet Corporation DS-72-40 Datasheet HTML 7Page - Cymbet Corporation DS-72-40 Datasheet HTML 8Page - Cymbet Corporation DS-72-40 Datasheet HTML 9Page - Cymbet Corporation DS-72-40 Datasheet HTML 10Page - Cymbet Corporation DS-72-40 Datasheet HTML 11Page - Cymbet Corporation DS-72-40 Datasheet HTML 12Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CBC-EVAL-10B EnerChip CC EH Evaluation Kit
©2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-40 Rev C
Page 8 of 17
EVAL-10B CCEH Operation During EnerChip Battery Charging
The following scope traces show the operation of the EnerChip CBC3150 operation under two different light
conditions. The scope trace in Figure 4 was taken under a light source of 500 Lux on the EVAL-10B solar cell.
The Input voltage trace on the top line in Yellow shows the activity at Test Point TP3. The input voltage is at 3.6
Volts until the EnerChip Charging Circuit activates as shown on the second trace which is the activity on the
RESET/ pin on the CBC3150. The EVAL-10B 3.3V output voltatge during these activites is shown in the green
trace.
Input = 3.60V until charger starts then drops to
3.06V as charger dranis input capacitor
RESET/ ON = Charger
Output = 3.3V
Input = 3.60V until charger starts then drops to
3.06V as charger dranis input capacitor
Input = 3.25V until charger starts then drops to
3.06V as charger dranis input capacitor
RESET/ ON = Charger
Output = 3.3V
The scope trace in Figure 5 was taken under a light source of 100 Lux on the EVAL-10B solar cell. The Input
voltage trace on the top line in Yellow shows the activity at Test Point TP3. Given the decrease in light level,
the input voltage is at 3.25 Volts until the EnerChip Charging Circuit activates as shown on the second trace
which is the activity on the RESET/ pin on the CBC3150 which has a shorter pulse width in low light conditions.
The EVAL-10B 3.3V output voltatge is still preserved in this case as shown in the green trace.
Figure 4 : EVAL-10B operation at 500 Lux light intensity
Figure 5 : EVAL-10B operation at 100 Lux light intensity


Similar Part No. - DS-72-40

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
DS-72-41 CYMBET-DS-72-41 Datasheet
1Mb / 13P
   Rechargeable Solid State Bare Die Batteries
More results

Similar Description - DS-72-40

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
logo
List of Unclassifed Man...
CBC-EVAL-08 ETC2-CBC-EVAL-08 Datasheet
548Kb / 11P
   EnerChip??EH Solar Energy Harvester Evaluation Kit
logo
Cymbet Corporation
CBC-EVAL-08 CYMBET-CBC-EVAL-08_10 Datasheet
620Kb / 11P
   EnerChip??EH Solar Energy Harvester Evaluation Kit
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
1Mb / 15P
   EnerChip??EP Universal Energy Harvester Eval Kit
CBC-EVAL-09 CYMBET-CBC-EVAL-09_13 Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
DS-72-14 CYMBET-DS-72-14 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com