Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLY10AS9920R6R2B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PLY10AS9920R6R2B
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLY10AS9920R6R2B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PLY10AS9920R6R2B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLY10AS9920R6R2B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLY10AS9920R6R2B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PLY10AS9920R6R2B
Specifications
Common Mode Inductance(min.)
9.9mH
Nomal Mode Inductance(min.)
690μH
DC Resistance(max.)
1.7Ω
Rated Current
0.6A
Length
18mm max.
Width
16mm max.
Thickness
17.5mm max.
Operating Temperature Range
-
25
to
60
Winding Temperature Rise(at Rated
Current)(max.)
60
Rated Voltage
300Vac
Insulation Resistance(min.)
10MΩ
Withstanding Voltage
1600V(AC)(1minute) or
2000V(AC)(2second)
Mass(typ.)
9.9g
Winding Mode
Standard Winding
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/17


Similar Part No. - PLY10AS9920R6R2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLY10AS9012R0R2B MURATA-PLY10AS9012R0R2B Datasheet
227Kb / 3P
   Operating Temperature Range
PLY10AS9720R6D2B MURATA-PLY10AS9720R6D2B Datasheet
226Kb / 3P
   Operating Temperature Range
More results

Similar Description - PLY10AS9920R6R2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com