Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1612A2DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1612A2DR2G
Description  Enhanced, High?륟fficiency Power Factor Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1612A2DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1612A2DR2G Datasheet HTML 1Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 2Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 3Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 4Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 5Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 6Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 7Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 8Page - ON Semiconductor NCP1612A2DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
NCP1612A, NCP1612B, NCP1612A1, NCP1612A2, NCP1612A3, NCP1612B2
www.onsemi.com
4
Table 2. MAXIMUM RATINGS
Symbol
Pin
Rating
Value
Unit
VCC
9
Power Supply Input
−0.3, +35
V
FOVP
1
FOVP Pin
−0.3, +10
V
Feedback
2
Feedback Pin
−0.3, +10
V
VCONTROL
3
VCONTROL Pin (Note 1)
−0.3, VCONTROLMAX
V
Vsense
4
Vsense Pin (Note 5)
−0.3, +10
V
FFcontrol
5
FFcontrol Pin
−0.3, +10
V
CS/ZCD
6
Input Voltage
Current Injected to Pin 4 (Note 4)
−0.3, +35
+5
V
mA
DRV
8
Driver Voltage (Note 1)
Driver Current
−0.3, VDRV
−500, +800
V
mA
pfcOK
10
pfcOK Pin
−0.3, VCC
V
PD
RqJA
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction-to-Air
550
145
mW
°C/W
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature
150
°C
TSmax
Storage Temperature Range
−65 to 150
°C
TLmax
Lead Temperature (Soldering, 10s)
300
°C
MSL
Moisture Sensitivity Level
1
ESD Capability, Human Body Model (Note 2)
> 2000
V
ESD Capability, Machine Model (Note 2)
> 200
V
ESD Capability, Charged Device Model (Note 2)
1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. “VCONTROLMAX” is the pin3 clamp voltage and “VDRV” is the DRV clamp voltage (VDRVhigh). If VCC is below VDRVhigh, “VDRV” is VCC.
2. This device(s) contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per JEDEC Standard JESD22−A114E
Machine Model Method 200 V per JEDEC Standard JESD22−A115−A
Charged Device Model Method 1000 V per JEDEC Standard JESD22−C101E
3. This device contains latch-up protection and exceeds 100 mA per JEDEC Standard JESD78.
4. Maximum CS/ZCD current that can be injected into pin6 (see Figure 2).
5. Recommended maximum Vsense voltage for optimal operation is 4.5 V.


Similar Part No. - NCP1612A2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1612ADR2G ONSEMI-NCP1612ADR2G Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results

Similar Description - NCP1612A2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Texas Instruments
UC1854A TI-UC1854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com