Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1612A2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1612A2
Description  Enhanced, High?륟fficiency Power Factor Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1612A2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1612A2 Datasheet HTML 3Page - ON Semiconductor NCP1612A2 Datasheet HTML 4Page - ON Semiconductor NCP1612A2 Datasheet HTML 5Page - ON Semiconductor NCP1612A2 Datasheet HTML 6Page - ON Semiconductor NCP1612A2 Datasheet HTML 7Page - ON Semiconductor NCP1612A2 Datasheet HTML 8Page - ON Semiconductor NCP1612A2 Datasheet HTML 9Page - ON Semiconductor NCP1612A2 Datasheet HTML 10Page - ON Semiconductor NCP1612A2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
NCP1612A, NCP1612B, NCP1612A1, NCP1612A2, NCP1612A3, NCP1612B2
www.onsemi.com
7
Table 3. TYPICAL ELECTRICAL CHARACTERISTICS (continued)
(Conditions: VCC = 15 V, TJ from −40°C to +125°C, unless otherwise specified)
Symbol
Unit
Max
Typ
Min
Rating
FEED-BACK OVER AND UNDER-VOLTAGE PROTECTION (SOFT OVP AND UVP)
RsoftOVP
Ratio (soft OVP Threshold, VFB rising) over VREF (VsoftOVP/VREF)
(guaranteed by design)
104
105
106
%
RsoftOVP(HYST) Ratio (Soft OVP Hysteresis) over VREF (guaranteed by design)
1.5
2.0
2.5
%
RUVP
Ratio (UVP Threshold, VFB rising) over VREF (VUVP/VREF)
(guaranteed by design)
8
12
16
%
RUVP(HYST)
Ratio (UVP Hysteresis) over VREF (guaranteed by design)
1
%
(IB)FB
FB Pin Bias Current @ VFB = VsoftOVP and VFB = VUVP
50
200
450
nA
FAST OVER VOLTAGE PROTECTION AND BULK UNDER-VOLTAGE PROTECTION (FAST OVP AND BUV)
VfastOVP
Fast OVP Threshold, VFOVP rising
2.560
2.675
2.750
V
RfastOVP1
Ratio (Fast OVP Threshold, VFOVP rising) over (soft OVP Threshold,
VFB rising) (VfastOVP/VsoftOVP) (guaranteed by design)
101.5
102.0
102.5
%
RfastOVP2
Ratio (Fast OVP Threshold, VFOVP rising) over VREF (VfastOVP/VREF)
(guaranteed by design)
106
107
108
%
VBUV
BUV Threshold:
NCP1612A, NCP1612B, VFOVP falling
NCP1612A1, NCP1612A3, VFOVP falling
NCP1612A2 and NCP1612B2, VFB falling
1.80
0.90
1.80
1.90
1.00
1.90
2.00
1.10
2.00
V
RBUV
Ratio (BUV Threshold) over VREF (VBUV/VREF)
NCP1612A, NCP1612B, VFOVP falling
NCP1612A1, NCP1612A3, VFOVP falling
NCP1612A2 and NCP1612B2, VFB falling
74
37
74
76
40
76
78
43
78
%
(IB)FOVP/BUV
Pin1 Bias Current
@ Vpin1 = VfastOVP (all versions)
@ Vpin1 = VBUV (NCP1612A, NCP1612A1, NCP1612B, NCP1612A3 only)
50
50
200
200
450
450
nA
VUVP2
UVP2 Threshold for Floating Pin Detection
(NCP1612A, NCP1612A1, NCP1612A3 and NCP1612B only)
0.2
0.3
0.4
V
BROWN-OUT PROTECTION AND FEED-FORWARD
VBOH
Brown-out Threshold, Vsense rising
0.96
1.00
1.04
V
VBOL
Brown-out Threshold, Vsense falling
0.86
0.90
0.94
V
VBO(HYST)
Brown-out Comparator Hysteresis
60
100
mV
TBO(blank)
Brown-out Blanking Time
35
50
65
ms
ICONTROL(BO)
VCONTROL Pin Sink Current, Vsense < VBOL
40
50
60
mA
VHL
High-line Detection Comparator Threshold, Vsense rising
2.1
2.2
2.3
V
VLL
High-line Detection Comparator Threshold, Vsense falling
1.6
1.7
1.8
V
VHL(hyst)
High-line Detection Comparator Hysteresis
400
500
600
mV
THL(blank)
Blanking Time for Line Range Detection
15
25
35
ms
IBO(bias)
Brown-out Pin Bias Current, Vsense = VBO
−250
250
nA
pfcOK SIGNAL
(VpfcOK)L
pfcOK low state voltage @ IpfcOK = 5 mA
250
mV
VSTDWN
Shutdown Threshold Voltage (NCP1612A, NCP1612A1, NCP1612A3 and
NCP1612B only)
7.0
7.5
8.0
V
RpfcOK
Impedance of the pfcOK pin in high state (all versions)
150
300
kW


Similar Part No. - NCP1612A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1612ADR2G ONSEMI-NCP1612ADR2G Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results

Similar Description - NCP1612A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
logo
Texas Instruments
UC1854A TI-UC1854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com