Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC3H0A Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC88FC3H0A
Description  16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC3H0A Datasheet(HTML) 5 Page - ON Semiconductor

  LC88FC3H0A Datasheet HTML 1Page - ON Semiconductor LC88FC3H0A Datasheet HTML 2Page - ON Semiconductor LC88FC3H0A Datasheet HTML 3Page - ON Semiconductor LC88FC3H0A Datasheet HTML 4Page - ON Semiconductor LC88FC3H0A Datasheet HTML 5Page - ON Semiconductor LC88FC3H0A Datasheet HTML 6Page - ON Semiconductor LC88FC3H0A Datasheet HTML 7Page - ON Semiconductor LC88FC3H0A Datasheet HTML 8Page - ON Semiconductor LC88FC3H0A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LC88FC3H0A
www.onsemi.com
5
 Infrared Remote Controller Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
s when the 32.768kHz crystal oscillator
is selected as the reference clock source)
2) Supports data encording systems such as PPM (Pulse Position Modulation) and Manchester encording
3) X’tal HOLD mode release function
 Internal Reset Function
 Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected through option configuration.
 Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power
voltage falls below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level can be selected by option
configuration.
 Interrupts (peripheral function)
 61 sources (33 modules), 14 vector addresses
<1> Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt
requests of the level equal to or lower than the current interrupt are not accepted.
<2> When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the
highest level takes precedence over the other interrupts. For interrupts of the same level, the interrupt
into the smallest vector address takes precedence.
No.
Vector Address
Interrupt Module
1
08000H
Watchdog timer (1)
2
08004H
Base timer (2)
3
08008H
Timer 0 (2)
4
0800CH
INT0 (1)
5
08014H
INT1 (1)
6
08018H
INT2 (1) / timer 1 (2) / UART2 (4)
7
0801CH
INT3 (1) / timer 2 (4) / SMIIC0 (1) / SLIIC1 (1)
8
08020H
INT4 (1) / timer 3 (2) / Infared remote control receiver(4)
9
08024H
INT5 (1) / timer 4 (1) / SIO1 (2)
10
0802CH
PWM0 (1) / SMIIC1(1)
11
08030H
ADC (1) / timer 5 (1) / SIO4(2)
12
08034H
INT6 (1) / timer 6 (1) / UART 3 (4)
13
08038H
INT7 (1) / SIO0 (2) / SIO0(2)
14
0803CH
Port 0 (3) / Port 5 (8) / RTC (1) / CRC (1)
 3 priority levels selectable
 Of interrupts of the same level, the one with the smallest vector address takes precedence.
 A number enclosed in parentheses denotes the number of sources.
 Subroutine stack : RAM area
 Subroutine calls that automatically save PSW, interrupt vector calls: 6 bytes
 Subroutine calls that do not automatically save PSW: 4 bytes
 Multiplication/division instructions
 16 bits × 16 bits (4 tCYC execution time)
 16 bits ÷ 16 bits (18 to 19 tCYC execution time)
 32 bits ÷ 16 bits (18 to 19 tCYC execution time)


Similar Part No. - LC88FC3H0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0AUTJ-2H ONSEMI-LC88FC3J0AUTJ-2H Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3K0A ONSEMI-LC88FC3K0A Datasheet
418Kb / 48P
   16-bit Microcontroller
September 2015 - Rev. 0
More results

Similar Description - LC88FC3H0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
logo
STMicroelectronics
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
logo
Sanyo Semicon Device
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com