Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2F0BUTJ-2H Datasheet(PDF) 5 Page - ON Semiconductor

Part # LC88FC2F0BUTJ-2H
Description  16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2F0BUTJ-2H Datasheet(HTML) 5 Page - ON Semiconductor

  LC88FC2F0BUTJ-2H Datasheet HTML 1Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 2Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 3Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 4Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 5Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 6Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 7Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 8Page - ON Semiconductor LC88FC2F0BUTJ-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LC88FC2F0B
www.onsemi.com
5
No.
Vector Address
Interrupt Module
1
08000H
Watchdog timer (1)
2
08004H
Base timer (2)
3
08008H
Timer 0 (2)
4
0800CH
INT0 (1)
5
08014H
INT1 (1)
6
08018H
INT2 (1)/timer 1 (2)/UART2 (4)
7
0801CH
INT3 (1)/timer 2 (4)/SMIIC0 (1)/SLIIC1 (1)
8
08020H
INT4 (1)/timer 3 (2)/Infared remote control receiver(4)
9
08024H
INT5 (1)/timer 4 (1)/SIO1 (2)
10
0802CH
PWM0 (1)/SMIIC1(1)
11
08030H
ADC (1)/timer 5 (1)/SIO4(2)
12
08034H
INT6 (1)/timer 6 (1)/UART 3 (4)
13
08038H
INT7 (1)/SIO0 (2)/SIO0(2)
14
0803CH
Port 0 (3)/Port 5 (8)/RTC (1)/CRC (1)
3 priority levels selectable
Of interrupts of the same level, the one with the smallest vector address takes precedence.
A number enclosed in parentheses denotes the number of sources.
 Subroutine stack: RAM area
Subroutine calls that automatically save PSW, interrupt vector calls: 6 bytes
Su
broutine calls that do not automatically save PSW: 4 bytes
 Multiplication/division instructions
16 bits × 16 bits (4 tCYC execution time)
16 bits : 16 bits (18 to 19 tCYC execution time)
32 bits : 16 bits (18 to 19 tCYC execution time)
 Oscillator circuits
RC oscillator circuit (internal)
: For system clock
CF oscillator circuit ( built-in Rf circuit )
: For system clock( OSC1 )
C
rystal oscillator circuit ( built-in Rf circuit ) : For low-speed system clock (OSC0)
SLRC oscillator circuit (internal)
: For system clock (In the case of exception processing)
VCO
oscillator circuit
: For timer3, 4, 5, 6, 7 clock
 System clock divider function
Can run on low current.
1/1 to 1/128 of the system clock frequency can be set.
 Standby function
HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
<1> Oscillation is not stopped automatically.
<2> Released by a system reset or occurrence of an interrupt.
HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
<1> OSC1, RC, and OSC0 oscillations automatically stop.
<2> There are six ways of releasing the HOLD mode:
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified
level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt established at SIO0, SIO1 or SIO4
(6) Having an interrupt established at UART2 or UART3


Similar Part No. - LC88FC2F0BUTJ-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2D0BUTJ-2H ONSEMI-LC88FC2D0BUTJ-2H Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
More results

Similar Description - LC88FC2F0BUTJ-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2D0B ONSEMI-LC88FC2D0B Datasheet
453Kb / 47P
   16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com