Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1132L Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. 2N1132L
Description  LOW POWER PNP SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 1 page
background image
TECHNICAL DATA
LOW POWER PNP SILICON TRANSISTOR
Qualified per MIL-PRF-19500/177
Devices
Qualified Level
2N1131
2N1131L
2N1132
2N1132L
JAN
JANTX
MAXIMUM RATINGS
Ratings
Symbol
All Units
Units
Collector-Emitter Voltage
VCEO
40
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
600
mAdc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
0.6
2.0
W
W
Operating & Storage Temperature Range
Top, Tj
-65 to +200
°C
1)
Derate linearly 3.4 mW/
0C for TA
≥ +250C
2)
Derate linearly 11.4 mW/
0C for TC
≥ +250C
TO-39*
2N1131, 2N1132
TO-5*
2N1311L, 2N1312L
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
40
Vdc
Collector-Base Breakdown Voltage
IC = 10 µAdc
V(BR)CBO
50
Vdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
100
µAdc
Collector-Emitter Cutoff Current
VCE = 50 Vdc, RBE ≤ 10 ohms
ICER
10
mAdc
Collector-Base Cutoff Current
VCB = 50 Vdc
VCB = 30 Vdc
ICBO
10
1.0
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N5415PNP LOW POWER SILICON TRANSISTOR 1 2 Microsemi Corporation
NTE14Silicon PNP Transistor High Power Low Frequency Driver 1 2 NTE Electronics
UPA1437PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1436HPNP SILICON EPITAXOAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
2SB891LOW FREQ. POWER AMP. EPITAXIAL PLANAR PNP SILICON TRANSISTOR 1 2 3 Rohm
UPA1457HPNP SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
2SA1156PNP SILICON POWER TRANSISTOR 1 2 NEC
MRF553RF LOW POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
2SB1429TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER APPLICATION 1 2 Toshiba Semiconductor
2SB1217PNP SILICON POWER TRANSISTOR 1 2 3 NEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl