Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1132 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. 2N1132
Description  LOW POWER PNP SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 2 page
background image
2N1131, 2N1132 JAN, JANTX
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward Current Transfer Ratio
IC = 150 mAdc, VCE = 10 Vdc
2N1131, L
2N1132, L
IC = 5.0 mAdc, VCE = 10 Vdc
2N1131, L
2N1132, L
hFE
20
30
15
25
45
90
Collector-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
VCE(sat)
1.3
Vdc
Base-Emitter Saturation Voltage
IC = 150 mAdc, IB = 15 mAdc
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short Circuit Forward-Current Transfer Ratio
IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1 kHz
2N1131, L
2N1132, L
IC = 5.0 mAdc, VCE = 10 Vdc, f = 1 kHz
2N1131, L
2N1132, L
hfe
15
30
20
30
50
90
Small-Signal Open-Circuit Output Admittance
IC = 1.0 mAdc, VCE = 5.0 Vdc
IC = 5.0 mAdc, VCE = 10 Vdc
hob
1.0
5.0
µmho
Small-Signal Short-Circuit Input Impedance
IC = 1.0 mAdc, VCE = 5.0 Vdc
IC = 5.0 mAdc, VCE = 10 Vdc
hib
25
35
10
Magnitude of Common Emitter Small-Signal Short Circuit
Forward-Current Transfer Ratio
IC = 50 mAdc, VCE = 10 Vdc, f = 20 MHz
2N1131, L
2N1132, L
h
fe
2.5
3.0
20
20
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
45
pF
Input Capacitance
VEB = 0.5 Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cibo
80
pF
SWITCHING CHARACTERISTICS
Turn-On Time + Turn-Off Time
(See figure 2 of MIL-PRF-19500/177)
ton + toff
50
ηs
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N5415PNP LOW POWER SILICON TRANSISTOR 1 2 Microsemi Corporation
NTE14Silicon PNP Transistor High Power Low Frequency Driver 1 2 NTE Electronics
UPA1437PNP SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1436HPNP SILICON EPITAXOAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
2SB891LOW FREQ. POWER AMP. EPITAXIAL PLANAR PNP SILICON TRANSISTOR 1 2 3 Rohm
UPA1457HPNP SILICON EPITAXIAL POWER TRANSISTOR ARRAY LOW SPEED SWITCHING DARLINGTON 1 2 3 4 NEC
2SA1156PNP SILICON POWER TRANSISTOR 1 2 NEC
MRF553RF LOW POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
2SB1429TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER APPLICATION 1 2 Toshiba Semiconductor
2SB1217PNP SILICON POWER TRANSISTOR 1 2 3 NEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl