Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

158563440 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 158563440
Description  WL-SWTP SMD White Top View PLCC LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

158563440 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  158563440 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 158563440 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.1
2.0
1.1
1.0
REV
2015-03-23
2014-11-10
2014-06-03
2014-01-30
DATE
SSt
SSt
SSt
SSt
BY
HOe
ZAn
PLD
PLD
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-SWTP SMD White Top View PLCC LED
Order.- No.
158563440
SIZE
A4
Size: 5630
A Dimensions: [mm]
Optical Properties:
Properties
Chip Technology
Emitting Color
Lens Type
Value
InGaN
Moonlight
Top LED
B Recommended land pattern: [mm]
C Schematic:
D Absolute Maximum Ratings (Ambient Temperature 25°C):
Properties
Power dissipation
Peak Forward Current
Continuous Forward Current
Reverse Voltage
ESD Threshold/ Human Body Modell
Absolute thermal resistance junction to solder
point
Junction temperature
Test condi-
tions
duty/10
@1kHz
PDiss
IF Peak
IF
VRev
VESD
RθJS
Tj
Value
630
300
180
5
2000
35
130
Unit
mW
mA
mA
V
V
K/ W
°C
E General information:
•Operating temperature: -40°C to +85°C
•Storage temperature (on tape & reel): -40°C to +85°C; 60% RH max.
•Moisture Sensitivity Level (MSL): 3
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 158563440

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
158563427 WURTH-158563427 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158563430 WURTH-158563430 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158563450 WURTH-158563450 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158563460 WURTH-158563460 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
More results

Similar Description - 158563440

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
158302227 WURTH-158302227 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158563427 WURTH-158563427 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158302240 WURTH-158302240 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158301227 WURTH-158301227 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158301240 WURTH-158301240 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158563430 WURTH-158563430 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158301230 WURTH-158301230 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158302250 WURTH-158302250 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158302230 WURTH-158302230 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
158302260 WURTH-158302260 Datasheet
2Mb / 9P
   WL-SWTP SMD White Top View PLCC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com