Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51AC2-SLSIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T89C51AC2-SLSIM
Description  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-SLSIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T89C51AC2-SLSIM Datasheet HTML 6Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 7Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 8Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 9Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 10Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 11Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 12Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 13Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
10
T89C51AC2
4127D–8051–02/03
SFR Mapping
The Special Function Registers (SFRs) of the T89C51AC2 fall into the following
categories:
Table 3. C51 Core SFRs
Mnemonic
Add
Name
7
6543
210
ACC
E0h
Accumulator
–––
–––
––
B
F0h
B Register
–––
–––
––
PSW
D0h Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
–––
–––
––
DPL
82h
Data Pointer Low
byte
LSB of DPTR
–––
–––
––
DPH
83h
Data Pointer High
byte
MSB of DPTR
–––
–––
––
Table 4. I/O Port SFRs
Mnemonic
Add
Name
7
6543
210
P0
80h
Port 0
–––
–––
––
P1
90h
Port 1
–––
–––
––
P2
A0h
Port 2
–––
–––
––
P3
B0h
Port 3
–––
–––
––
P4
C0h Port 4 (x2)
–––
–––
––
Table 5. Timers SFRs
Mnemonic
Add
Name
7
6543
210
TH0
8Ch
Timer/Counter 0 High
byte
–––
–––
––
TL0
8Ah
Timer/Counter 0 Low
byte
–––
–––
––
TH1
8Dh
Timer/Counter 1 High
byte
–––
–––
––
TL1
8Bh
Timer/Counter 1 Low
byte
–––
–––
––
TH2
CDh
Timer/Counter 2 High
byte
–––
–––
––
TL2
CCh
Timer/Counter 2 Low
byte
–––
–––
––
TCON
88h
Timer/Counter 0 and
1 control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and
1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00


Similar Part No. - T89C51AC2-SLSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results

Similar Description - T89C51AC2-SLSIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC2 ATMEL-AT89C51AC2_08 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
logo
NXP Semiconductors
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com