Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERLB221LIN122KR50M Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # ERLB221LIN122KR50M
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

ERLB221LIN122KR50M Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  ERLB221LIN122KR50M Datasheet HTML 1Page - Nippon Precision Circuits Inc ERLB221LIN122KR50M Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
High ripple snap-ins, 85
RLB
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃, 120Hz)
Part No.
WV
(Vdc)
Cap
(µF)
Case size
φD×L(mm)
tanδ
Rated ripple
current
(Arms/
85℃, 120Hz)
Part No.
180
900
30
×35
0.15
4.66
ERLB181LIN901KR35M
210
1,400
30
×55
0.15
6.31
ERLB211LIN142KR55M
1,100
30
×40
0.15
5.17
ERLB181LIN112KR40M
1,500
35
×45
0.15
6.21
ERLB211LIN152KA45M
1,300
30
×45
0.15
5.64
ERLB181LIN132KR45M
1,700
35
×50
0.15
6.82
ERLB211LIN172KA50M
1,500
30
×50
0.15
6.07
ERLB181LIN152KR50M
2,000
35
×55
0.15
7.62
ERLB211LIN202KA55M
1,500
35
×40
0.15
5.75
ERLB181LIN152KA40M
220
700
30
×35
0.15
4.27
ERLB221LIN701KR35M
1,700
30
×55
0.15
6.63
ERLB181LIN172KR55M
900
30
×40
0.15
4.85
ERLB221LIN901KR40M
1,800
35
×45
0.15
6.37
ERLB181LIN182KA45M
1,000
30
×45
0.15
5.19
ERLB221LIN102KR45M
2,000
35
×50
0.15
6.84
ERLB181LIN202KA50M
1,000
35
×35
0.15
4.87
ERLB221LIN102KA35M
200
900
30
×35
0.15
4.66
ERLB201LIN901KR35M
1,200
30
×50
0.15
5.68
ERLB221LIN122KR50M
1,000
30
×40
0.15
5.01
ERLB201LIN102KR40M
1,200
35
×40
0.15
5.44
ERLB221LIN122KA40M
1,200
30
×45
0.15
5.51
ERLB201LIN122KR45M
1,300
30
×55
0.15
6.09
ERLB221LIN132KR55M
1,200
35
×35
0.15
5.14
ERLB201LIN122KA35M
1,400
35
×45
0.15
5.96
ERLB221LIN142KA45M
1,400
30
×50
0.15
5.95
ERLB201LIN142KR50M
1,600
35
×50
0.15
6.51
ERLB221LIN162KA50M
1,400
35
×40
0.15
5.66
ERLB201LIN142KA40M
1,800
35
×55
0.15
7.10
ERLB221LIN182KA55M
1,500
30
×55
0.15
6.36
ERLB201LIN152KR55M
250
600
30
×35
0.15
4.03
ERLB251LIN601KR35M
1,600
35
×45
0.15
6.14
ERLB201LIN162KA45M
800
30
×40
0.15
4.66
ERLB251LIN801KR40M
1,900
35
×50
0.15
6.82
ERLB201LIN192KA50M
900
30
×45
0.15
5.01
ERLB251LIN901KR45M
2,200
35
×55
0.15
7.60
ERLB201LIN222KA55M
900
35
×35
0.15
4.73
ERLB251LIN901KA35M
210
800
30
×35
0.15
4.48
ERLB211LIN801KR35M
1,000
30
×50
0.15
5.32
ERLB251LIN102KR50M
900
30
×40
0.15
4.86
ERLB211LIN901KR40M
1,100
35
×40
0.15
5.33
ERLB251LIN112KA40M
1,100
30
×45
0.15
5.39
ERLB211LIN112KR45M
1,200
30
×55
0.15
5.96
ERLB251LIN122KR55M
1,100
35
×35
0.15
5.06
ERLB211LIN112KA35M
1,200
35
×45
0.15
5.68
ERLB251LIN122KA45M
1,200
30
×50
0.15
5.71
ERLB211LIN122KR50M
1,400
35
×50
0.15
6.25
ERLB251LIN142KA50M
1,300
35
×40
0.15
5.65
ERLB211LIN132KA40M
1,600
35
×55
0.15
6.87
ERLB251LIN162KA55M
◆RATED RIPPLE CURRENT MULTIPLIERS
・Frequency Multipliers
Frequency(Hz)
50
120
300
1k
10k
50k
180 to 250Vdc
0.70
1.00
1.17
1.32
1.45
1.50
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
New!
240
CAT. No. E1001P
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ERLB221LIN122KR50M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ERL VISHAY-ERL Datasheet
151Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 19-Nov-12
logo
Diotec Semiconductor
ERL1A DIOTEC-ERL1A Datasheet
158Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
ERL1B DIOTEC-ERL1B Datasheet
158Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
ERL1D DIOTEC-ERL1D Datasheet
158Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
ERL1G DIOTEC-ERL1G Datasheet
158Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
More results

Similar Description - ERLB221LIN122KR50M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMQ ETC2-SMQ Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com