Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7908C Datasheet(PDF) 4 Page - Texas Instruments

Part # UA7908C
Description  NEGATIVE-VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA7908C Datasheet(HTML) 4 Page - Texas Instruments

  UA7908C Datasheet HTML 1Page - Texas Instruments UA7908C Datasheet HTML 2Page - Texas Instruments UA7908C Datasheet HTML 3Page - Texas Instruments UA7908C Datasheet HTML 4Page - Texas Instruments UA7908C Datasheet HTML 5Page - Texas Instruments UA7908C Datasheet HTML 6Page - Texas Instruments UA7908C Datasheet HTML 7Page - Texas Instruments UA7908C Datasheet HTML 8Page - Texas Instruments UA7908C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
µA7900 SERIES
NEGATIVEVOLTAGE REGULATORS
SLVS058D − JUNE 1976 − REVISED APRIL 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = −14 V, IO = 500 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ†
µA7908C
UNITS
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
UNITS
25
°C
−7.7
−8
−8.3
Output voltage‡
IO = 5 mA to 1 A,
P
≤ 15 W
VI = −10.5 V to −23 V,
0
°C to 125°C
−7.6
−8.4
V
Input regulation
VI = −10.5 V to −25 V
12.5
160
mV
Input regulation
VI = −11 V to −17 V
4
80
mV
Ripple rejection
VI = −11.5 V to −21.5 V, f = 120 Hz
0
°C to 125°C
54
60
dB
Output regulation
IO = 5 mA to 1.5 A
15
160
mV
Output regulation
IO = 250 mA to 750 mA
5
80
mV
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
−0.6
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
200
µV
Dropout voltage
IO = 1 A
25
°C
1.1
V
Bias current
25
°C
1.5
2
mA
Bias current change
VI = −10.5 V to −25 V
0.15
1
mA
Bias current change
IO = 5 mA to 1 A
0.08
0.5
mA
Peak output current
25
°C
2.1
A
† Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must
be taken into account separately. All characteristics are measured with a 2-
µF capacitor across the input and a 1-µF capacitor across the output.
‡ This specification applies only for dc power dissipation permitted by absolute maximum ratings.
electrical characteristics at specified virtual junction temperature, VI = −19 V, IO = 500 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ†
µA7912C
UNITS
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
UNITS
25
°C
−11.5
−12
−12.5
Output voltage‡
IO = 5 mA to 1 A,
P
≤ 15 W
VI = −14.5 V to −27 V,
0
°C to 125°C
−11.4
−12.6
V
Input regulation
VI = −14.5 V to −30 V
5
80
mV
Input regulation
VI = −16 V to −22 V
3
30
mV
Ripple rejection
VI = −15 V to −25 V,
f = 120 Hz
0
°C to 125°C
54
60
dB
Output regulation
IO = 5 mA to 1.5 A
15
200
mV
Output regulation
IO = 250 mA to 750 mA
5
75
mV
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
−0.8
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
300
µV
Dropout voltage
IO = 1 A
25
°C
1.1
V
Bias current
25
°C
2
3
mA
Bias current change
VI = −14.5 V to −30 V
0.04
0.5
mA
Bias current change
IO = 5 mA to 1 A
0.06
0.5
mA
Peak output current
25
°C
2.1
A
† Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must
be taken into account separately. All characteristics are measured with a 2-
µF capacitor across the input and a 1-µF capacitor across the output.
‡ This specification applies only for dc power dissipation permitted by absolute maximum ratings.


Similar Part No. - UA7908C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7908CKC TI1-UA7908CKC Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKC TI1-UA7908CKC Datasheet
986Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCS TI1-UA7908CKCS Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCS TI1-UA7908CKCS Datasheet
986Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCS TI1-UA7908CKCS Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Similar Description - UA7908C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com