Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY329-1000 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BY329-1000
Description  Rectifier diodes fast, soft-recovery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329-1000 Datasheet(HTML) 5 Page - NXP Semiconductors

  BY329-1000 Datasheet HTML 1Page - NXP Semiconductors BY329-1000 Datasheet HTML 2Page - NXP Semiconductors BY329-1000 Datasheet HTML 3Page - NXP Semiconductors BY329-1000 Datasheet HTML 4Page - NXP Semiconductors BY329-1000 Datasheet HTML 5Page - NXP Semiconductors BY329-1000 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY329 series
fast, soft-recovery
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.10. SOD59 (TO220AC). pin 1 connected to mounting base.
Notes
1. Refer to mounting instructions for TO220 envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10,3
max
3,7
2,8
3,0
3,0 max
not tinned
1,3
max
(2x)
2,4
0,6
4,5
max
5,9
min
15,8
max
1,3
0,9 max (2x)
13,5
min
5,08
12
September 1998
5
Rev 1.200


Similar Part No. - BY329-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BY329-1200 ETC2-BY329-1200 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Inchange Semiconductor ...
BY329-1200 ISC-BY329-1200 Datasheet
335Kb / 2P
   Ultrafast Rectifier
logo
NXP Semiconductors
BY329-1500 PHILIPS-BY329-1500 Datasheet
36Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY329-1500 PHILIPS-BY329-1500 Datasheet
35Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY329-1500S PHILIPS-BY329-1500S Datasheet
36Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results

Similar Description - BY329-1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com