Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QID3310006 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # QID3310006
Description  Dual IGBT HVIGBT Module 100 Amperes/3300 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3310006 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  QID3310006 Datasheet HTML 1Page - Powerex Power Semiconductors QID3310006 Datasheet HTML 2Page - Powerex Power Semiconductors QID3310006 Datasheet HTML 3Page - Powerex Power Semiconductors QID3310006 Datasheet HTML 4Page - Powerex Power Semiconductors QID3310006 Datasheet HTML 5Page - Powerex Power Semiconductors QID3310006 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
QID3310006
Dual IGBT HVIGBT Module
100 Amperes/3300 Volts
6
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/14 Rev. 1
Preliminary
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
COLLECTOR EMITTER VOLTAGE, V
CES, (VOLTS)
250
200
150
100
50
0
2000
1000
3000
0
250
200
150
100
50
0
REVERSE BIAS SAFE
OPERATING AREA (TYPICAL)
VCC ≤ 2500V
VGE = ±15V
RG(off) = 100Ω
Tj = 150°C
4000
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
0
2000
1000
3000
FREE-WHEEL DIODE
REVERSE RECOVERY SAFE
OPERATING AREA (TYPICAL)
VCC ≤ 2500V
di/dt = 1kA/µs
Tj = 150°C
4000
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi)
1.2
1.0
10-1
10-2
10-3
100
101
0.8
0.6
0.4
0.2
0
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.12°C/W
(IGBT)
Rth(j-c) =
0.19°C/W
(FWDi)


Similar Part No. - QID3310006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
   Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
QID3340001 POWEREX-QID3340001 Datasheet
504Kb / 6P
   Dual IGBT HVIGBT Module 400 Amperes/3300 Volts
QID3350001 POWEREX-QID3350001 Datasheet
503Kb / 6P
   Dual IGBT HVIGBT Module 500 Amperes/3300 Volts
More results

Similar Description - QID3310006

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3330001 POWEREX-QID3330001 Datasheet
485Kb / 6P
   Dual IGBT HVIGBT Module 300 Amperes/3300 Volts
QID3350001 POWEREX-QID3350001 Datasheet
503Kb / 6P
   Dual IGBT HVIGBT Module 500 Amperes/3300 Volts
QID3340001 POWEREX-QID3340001 Datasheet
504Kb / 6P
   Dual IGBT HVIGBT Module 400 Amperes/3300 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
   Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID6508001 POWEREX-QID6508001 Datasheet
592Kb / 7P
   Dual IGBT HVIGBT Module 85 Amperes/6500 Volts
QID4515002 POWEREX-QID4515002 Datasheet
656Kb / 5P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
CM1200DB-34N POWEREX-CM1200DB-34N Datasheet
536Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
CM1200DC-34N POWEREX-CM1200DC-34N Datasheet
494Kb / 6P
   Dual IGBTMOD HVIGBT Module 1200 Amperes/1700 Volts
QID4515001 POWEREX-QID4515001 Datasheet
640Kb / 4P
   Dual IGBTMOD HVIGBT Module 150 Amperes/4500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com