Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39471B4033Z610 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39471B4033Z610
Description  SAW Components
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39471B4033Z610 Datasheet(HTML) 2 Page - TDK Electronics

  B39471B4033Z610 Datasheet HTML 1Page - TDK Electronics B39471B4033Z610 Datasheet HTML 2Page - TDK Electronics B39471B4033Z610 Datasheet HTML 3Page - TDK Electronics B39471B4033Z610 Datasheet HTML 4Page - TDK Electronics B39471B4033Z610 Datasheet HTML 5Page - TDK Electronics B39471B4033Z610 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Aug 16, 2001
SAW Components
B4033
465,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package DCC6
Features
q
Low loss Rx filter for US family radio system
q
Low amplitude ripple
q
Package for Surface Mounted Technology
(SMT)
q
No matching network required for operation
at 50
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,07 g
Pin configuration
2
Input
3
Input ground
5
Output
6
Output ground
1, 4
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4033
B39471-B4033-Z610
C61157-A7-A41
F61074-V8030-Z000
Maximum ratings
Operable temperature range
T
–30 / +70
˚C
Storage temperature range
Tstg
–40 / +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm
source impedance 50


Similar Part No. - B39471B4033Z610

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39471B5052Z810 EPCOS-B39471B5052Z810 Datasheet
87Kb / 8P
   SAW Rx filter TETRA
logo
TDK Electronics
B39471B5052Z810 TDK-B39471B5052Z810 Datasheet
157Kb / 9P
   SAW Components SAW RF filter for base stations
More results

Similar Description - B39471B4033Z610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com