Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4744A Datasheet(PDF) 2 Page - Comchip Technology

Part # 1N4744A
Description  1.0W Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4744A Datasheet(HTML) 2 Page - Comchip Technology

  1N4744A Datasheet HTML 1Page - Comchip Technology 1N4744A Datasheet HTML 2Page - Comchip Technology 1N4744A Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312003A
Page 2
1.0W Zener Diode
1.0W Zener Diode
Type
Number
Nominal Zener
Voltage (Note 2)
Test
Current
Maximum Zener Impedance
(Note 3)
Maximum Reverse
Leakage Current
Max Surge
Current
8.3ms
Temperature
Coefficient
@ IZT
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@VR
IZS
(V)
(mA)
(
W)
(
W)
(mA)
(µA)
(V)
(mA)
%/°C
1N4728A
3.3
76
10
400
1.0
100
1.0
1380
-0.08 to -0.05
1N4729A
3.6
69
10
400
1.0
100
1.0
1260
-0.08 to -0.05
1N4730A
3.9
64
9.0
400
1.0
50
1.0
1190
-0.07 to -0.02
1N4731A
4.3
58
9.0
400
1.0
10
1.0
1070
-0.07 to -0.01
1N4732A
4.7
53
8.0
500
1.0
10
1.0
970
-0.03 to +0.04
1N4733A
5.1
49
7.0
550
1.0
10
1.0
890
-0.01 to +0.04
1N4734A
5.6
45
5.0
600
1.0
10
2.0
810
0 to +0.045
1N4735A
6.2
41
2.0
700
1.0
10
3.0
730
+0.01 to +0.055
1N4736A
6.8
37
3.5
700
1.0
10
4.0
660
+0.015 to +0.06
1N4737A
7.5
34
4.0
700
0.5
10
5.0
605
+0.02 to +0.065
1N4738A
8.2
31
4.5
700
0.5
10
6.0
550
0.03 to 0.07
1N4739A
9.1
28
5.0
700
0.5
10
7.0
500
0.035 to 0.075
1N4740A
10
25
7.0
700
0.25
10
7.6
454
0.04 to 0.08
1N4741A
11
23
8.0
700
0.25
5.0
8.4
414
0.045 to 0.08
1N4742A
12
21
9.0
700
0.25
5.0
9.1
380
0.045 to 0.085
1N4743A
13
19
10
700
0.25
5.0
9.9
344
0.05 to 0.085
1N4744A
15
17
14
700
0.25
5.0
11.4
304
0.055 to 0.09
1N4745A
16
15.5
16
700
0.25
5.0
12.2
285
0.055 to 0.09
1N4746A
18
14
20
750
0.25
5.0
13.7
250
0.06 to 0.09
1N4747A
20
12.5
22
750
0.25
5.0
15.2
225
0.06 to 0.09
1N4748A
22
11.5
23
750
0.25
5.0
16.7
205
0.06 to 0.095
1N4749A
24
10.5
25
750
0.25
5.0
18.2
190
0.06 to 0.095
1N4750A
27
9.5
35
750
0.25
5.0
20.6
170
0.06 to 0.095
1N4751A
30
8.5
40
1000
0.25
5.0
22.8
150
0.06 to 0.095
1N4752A
33
7.5
45
1000
0.25
5.0
25.1
135
0.06 to 0.095
1N4753A
36
7.0
50
1000
0.25
5.0
27.4
125
0.06 to 0.095
1N4754A
39
6.5
60
1000
0.25
5.0
29.7
115
0.06 to 0.095
1N4755A
43
6.0
70
1500
0.25
5.0
32.7
110
0.06 to 0.095
1N4756A
47
5.5
80
1500
0.25
5.0
35.8
95
0.06 to 0.095
1N4757A
51
5.0
95
1500
0.25
5.0
38.8
90
0.06 to 0.095
1N4758A
56
4.5
110
2000
0.25
5.0
42.6
80
0.06 to 0.095
1N4759A
62
4.0
125
2000
0.25
5.0
47.1
70
0.06 to 0.095
1N4760A
68
3.7
150
2000
0.25
5.0
51.7
65
0.06 to 0.095
1N4761A
75
3.3
175
2000
0.25
5.0
56.0
60
0.06 to 0.095
1N4762A
82
3.0
200
3000
0.25
5.0
62.2
55
¾
1N4763A
91
2.8
250
3000
0.25
5.0
69.2
50
¾
1N4764A
100
2.5
350
3000
0.25
5.0
76.0
45
¾
Notes:
2. Measured under thermal equilibrium and dc (IZT) test conditions.
3. The Zener impedance is derived from the 60 Hz ac voltage which results when an ac current having an rms value equal to
10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a
sharp knee on the breakdown curve and to eliminate unstable units.
Electrical Characteristics @ TA = 25°C unless otherwise specified


Similar Part No. - 1N4744A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4744A VISHAY-1N4744A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
New Jersey Semi-Conduct...
1N4744A NJSEMI-1N4744A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
1N4744A PHILIPS-1N4744A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4744A VISHAY-1N4744A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
List of Unclassifed Man...
1N4744A ETC1-1N4744A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4744A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com