Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150141BS73100 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 150141BS73100
Description  WL-SMTW SMD TOP LED mono-color waterclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

150141BS73100 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  150141BS73100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 150141BS73100 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.8
2.7
2.6
2.5
2.4
2.3
2.2
REV
2015-03-23
2014-03-17
2013-12-09
2013-10-08
2013-09-10
2013-05-14
2013-04-10
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
HOe
SSt
HOe
HOe
SSt
HOe
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-SMTW SMD TOP LED mono-color
waterclear
Order.- No.
150141BS73100
SIZE
A4
Size: 3528
A Dimensions: [mm]
Optical Properties:
Properties
Chip Technology
Emitting Color
Lens Type
Value
InGaN
Blue
Top LED
B Recommended land pattern: [mm]
C Schematic:
D Absolute Maximum Ratings (Ambient Temperature 25°C):
Properties
Power dissipation
Peak Forward Current
Continuous Forward Current
Reverse Voltage
ESD Threshold/ Human Body Modell
Test conditions
duty/10@1kHz
PDiss
IF Peak
IF
VRev
VESD HBM
Value
105
100
30
5
1000
Unit
mW
mA
mA
V
V
E General information:
•Operating temperature: -40°C to +85°C
•Storage temperature (sealed bag): -40°C to +85°C; 60% RH max.
•Moisture Sensitivity Level (MSL): 3
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 150141BS73100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150141BS73113 WURTH-150141BS73113 Datasheet
810Kb / 8P
   WL-SMTW SMT Mono-color TOP LED Waterclear
001.000
150141BS73130 WURTH-150141BS73130 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Anode
001.000
150141BS73140 WURTH-150141BS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
More results

Similar Description - 150141BS73100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
150224GS73100 WURTH-150224GS73100 Datasheet
601Kb / 7P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150224RS73100A WURTH-150224RS73100A Datasheet
709Kb / 8P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150141GS73100 WURTH-150141GS73100 Datasheet
2Mb / 9P
   WL-SMTW SMD TOP LED mono-color waterclear
150141YS73100 WURTH-150141YS73100 Datasheet
2Mb / 9P
   WL-SMTW SMD TOP LED mono-color waterclear
150224GS73100A WURTH-150224GS73100A Datasheet
710Kb / 8P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150224VS73100A WURTH-150224VS73100A Datasheet
709Kb / 8P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150224YS73100 WURTH-150224YS73100 Datasheet
601Kb / 7P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150141AS73100 WURTH-150141AS73100 Datasheet
2Mb / 9P
   WL-SMTW SMD TOP LED mono-color waterclear
150224BS73100 WURTH-150224BS73100 Datasheet
602Kb / 7P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150224SS73100 WURTH-150224SS73100 Datasheet
601Kb / 7P
   WL-SMTW SMD Mono-color TOP LED Waterclear
150224BS73100A WURTH-150224BS73100A Datasheet
709Kb / 8P
   WL-SMTW SMD Mono-color TOP LED Waterclear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com