Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-5630WKZ-DT-1-WW-D01 Datasheet(PDF) 9 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-WW-D01
Description  0.6W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-WW-D01 Datasheet(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-WW-D01 Datasheet HTML 13Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/15
Recommended Profile for Reflow Soldering
Pb -free solder temperature profile
120 Sec. Max.
60 Sec.Max.
Above220°C
1-5°C/Sec.
1-5°C/Sec.
6°C/Sec.
260°C.Max.
10 Sec .Max.
Pre-heating
180-200°C
180-200°C
10 Sec Max
260°C Max
120 Sec Max
Pb -free solder Temperature profile
Pre-heat
Pre-heat time
Peak-Temperature
Soldering time condition
(1) Reflow soldering should not be done more than two times.
(2) When soldering,do not put stress on the LEDs during heating.
(3) After soldering,do not warp the circuit board.
(4) The encapsulated material of the LEDs is silicone.
Precautions should be taken to avoid the strong pressure on the encapsulated part.
So when using the chip mounter,the picking up nozzle that does not affect the
silicone resin should be used.
Hand Soldering Conditions:
Do not exceed 3 seconds at maximum 320°C under soldering iron.(one time only)


Similar Part No. - LG-5630WKZ-DT-1-WW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D03 LIGITEK-LG-5630WKZ-DT-1-WW-D03 Datasheet
312Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D04 LIGITEK-LG-5630WKZ-DT-1-WW-D04 Datasheet
273Kb / 16P
   0.2W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-WW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-2-CW-D01 LIGITEK-LG-5630WKZ-DT-2-CW-D01 Datasheet
320Kb / 16P
   0.6W Power Light LED
LGXW-521E-TR1-D01 LIGITEK-LGXW-521E-TR1-D01 Datasheet
213Kb / 14P
   0.6W Power Light LED
LG-5630WKZ-DT-2-WW-D01 LIGITEK-LG-5630WKZ-DT-2-WW-D01 Datasheet
203Kb / 16P
   0.6W Power Light LED
logo
Unisonic Technologies
TA7368P UTC-TA7368P Datasheet
211Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_10 Datasheet
220Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
UTCTA7368P UTC-UTCTA7368P Datasheet
27Kb / 3P
   0.6W AUDIO POWER AMPLIFIER
TA7368P UTC-TA7368P_15 Datasheet
261Kb / 7P
   0.6W AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPGM0026-DIE MACOM-MAAPGM0026-DIE Datasheet
186Kb / 5P
   Amplifier, Power, 0.6W 1.5-3.3 GHz
logo
Visual Communications C...
VAOP-EWS-1 VCC-VAOP-EWS-1 Datasheet
1Mb / 9P
   Power Light LED
VAOP-EWS-3 VCC-VAOP-EWS-3 Datasheet
1Mb / 9P
   Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com