Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-5630WKZ-DT-1-NW-D01 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LG-5630WKZ-DT-1-NW-D01
Description  0.4W Power Light LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-5630WKZ-DT-1-NW-D01 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

Back Button LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-5630WKZ-DT-1-NW-D01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7/15
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
The C.I.E 1931 Chromaticity Coordinates
3800K
4100K
4500K
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.32
SN
TO
TN
SP
SO
TP
0.34
0.36
0.38
0.40
0.42


Similar Part No. - LG-5630WKZ-DT-1-NW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-CW LIGITEK-LG-5630WKZ-DT-1-CW Datasheet
225Kb / 17P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A02 LIGITEK-LG-5630WKZ-DT-1-P-A02 Datasheet
423Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A10 LIGITEK-LG-5630WKZ-DT-1-P-A10 Datasheet
409Kb / 16P
   0.4W Power Light LED
More results

Similar Description - LG-5630WKZ-DT-1-NW-D01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-5630WKZ-DT-1-P-CRH LIGITEK-LG-5630WKZ-DT-1-P-CRH Datasheet
1Mb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-CW LIGITEK-LG-5630WKZ-DT-1-CW Datasheet
225Kb / 17P
   0.4W Power Light LED
LG-5630WKZ-1-P-C-D811 LIGITEK-LG-5630WKZ-1-P-C-D811 Datasheet
393Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A04 LIGITEK-LG-5630WKZ-DT-1-P-A04 Datasheet
368Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-NW-D01 LIGITEK-LG-5630WKZ-DT-1-P-NW-D01 Datasheet
442Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A03 LIGITEK-LG-5630WKZ-DT-1-P-A03 Datasheet
343Kb / 15P
   0.4W Power Light LED
LG-5630WKZ-DT-1-WW-D02 LIGITEK-LG-5630WKZ-DT-1-WW-D02 Datasheet
389Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-WW-D02 LIGITEK-LG-5630WKZ-DT-1-P-WW-D02 Datasheet
339Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-CW-D02 LIGITEK-LG-5630WKZ-DT-1-P-CW-D02 Datasheet
266Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-DT-1-P-A10 LIGITEK-LG-5630WKZ-DT-1-P-A10 Datasheet
409Kb / 16P
   0.4W Power Light LED
LG-5630WKZ-1-T140-P-CRH3 LIGITEK-LG-5630WKZ-1-T140-P-CRH3 Datasheet
350Kb / 15P
   0.4W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com