Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881B8594P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39881B8594P810
Description  SAW Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8594P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39881B8594P810 Datasheet HTML 1Page - TDK Electronics B39881B8594P810 Datasheet HTML 2Page - TDK Electronics B39881B8594P810 Datasheet HTML 3Page - TDK Electronics B39881B8594P810 Datasheet HTML 4Page - TDK Electronics B39881B8594P810 Datasheet HTML 5Page - TDK Electronics B39881B8594P810 Datasheet HTML 6Page - TDK Electronics B39881B8594P810 Datasheet HTML 7Page - TDK Electronics B39881B8594P810 Datasheet HTML 8Page - TDK Electronics B39881B8594P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
June 27, 2013
B8594
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +90 ˚C
Antenna terminating impedance:
ZANT=
50
Ω || 8.2 nH
RX terminating impedance:
ZRX =
50
TX terminating impedance:
ZTX =
50
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
836.5
MHz
Maximum insertion attenuation
824.0
...
849.0
MHz
α
max
1.4
2.1
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page(8).
1.2
1.7
dB
Amplitude ripple (p-p)
824.0
...
849.0
MHz
∆α
0.6
1.2
dB
@fCarrier 826.4 ...
846.6
MHz
∆α
WCDMA
3)
0.4
0.8
dB
Amplitude ripple over any 5MHz
channel
∆α
824.0
...
849.0
MHz
∆α
0.5
0.8
dB
Error Vector Magnitude
@fCarrier 826.4 ...
846.6
MHz EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141
2.8
4.0
%
Input VSWR (TX port)
824.0
...
849.0
MHz
1.8
2.1
Output VSWR (ANT port)
824.0
...
849.0
MHz
1.6
2.0


Similar Part No. - B39881B8594P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B8506P810 TDK-B39881B8506P810 Datasheet
262Kb / 14P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
logo
EPCOS
B39881B8553P810 EPCOS-B39881B8553P810 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
logo
TDK Electronics
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
B39881B8568P810 TDK-B39881B8568P810 Datasheet
284Kb / 15P
   SAW Duplexer
More results

Similar Description - B39881B8594P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com