Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881B8547P810 Datasheet(PDF) 8 Page - TDK Electronics

Part # B39881B8547P810
Description  SAW Duplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8547P810 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B39881B8547P810 Datasheet HTML 4Page - TDK Electronics B39881B8547P810 Datasheet HTML 5Page - TDK Electronics B39881B8547P810 Datasheet HTML 6Page - TDK Electronics B39881B8547P810 Datasheet HTML 7Page - TDK Electronics B39881B8547P810 Datasheet HTML 8Page - TDK Electronics B39881B8547P810 Datasheet HTML 9Page - TDK Electronics B39881B8547P810 Datasheet HTML 10Page - TDK Electronics B39881B8547P810 Datasheet HTML 11Page - TDK Electronics B39881B8547P810 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
September 1, 2014
B8547
836.5 / 881.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for WDCDMA Band V TX passband, fCarrier ranges
from 826.4 MHz (lowest TX channel) to 846.6 MHz (highest TX channel)). HRRC(f) is the trans-
fer function of the root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101
with the following normalization:
Maximum ratings
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
51)
1) 168h Damp Heat Steady State acc. to IEC 60068-2-67 Cy
V
ESD voltage
VESD
1002)
2) acc. to JESD22-A115B (MM - Machine Model), 10 negative and 10 positive pulses.
V
Machine Model
Input power
PIN
source and load impedance 50
824.0 ... 849.0 MHz
elsewhere
29
10
dBm
dBm
continuous wave
T = 50˚C, 5000 h
S
s
d 21 f
( )H
RRC f
f
Carrier
(
)
2
f
d
H
RRC f
( )
2
f
1
=
d
}


Similar Part No. - B39881B8547P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B8506P810 TDK-B39881B8506P810 Datasheet
262Kb / 14P
   SAW Duplexer
logo
EPCOS
B39881B8553P810 EPCOS-B39881B8553P810 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
logo
TDK Electronics
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
B39881B8568P810 TDK-B39881B8568P810 Datasheet
284Kb / 15P
   SAW Duplexer
B39881B8576P810 TDK-B39881B8576P810 Datasheet
257Kb / 15P
   SAW Duplexer
More results

Similar Description - B39881B8547P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com