Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881B8547P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39881B8547P810
Description  SAW Duplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8547P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39881B8547P810 Datasheet HTML 1Page - TDK Electronics B39881B8547P810 Datasheet HTML 2Page - TDK Electronics B39881B8547P810 Datasheet HTML 3Page - TDK Electronics B39881B8547P810 Datasheet HTML 4Page - TDK Electronics B39881B8547P810 Datasheet HTML 5Page - TDK Electronics B39881B8547P810 Datasheet HTML 6Page - TDK Electronics B39881B8547P810 Datasheet HTML 7Page - TDK Electronics B39881B8547P810 Datasheet HTML 8Page - TDK Electronics B39881B8547P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
September 1, 2014
B8547
836.5 / 881.5 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 8.2 nH
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =
50
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Absolute attenuation
α
10.0
... 420.0
MHz
38
43
dB
420.0
... 494.0
MHz
35
40
dB
494.0
... 701.0
MHz
32
35
dB
701.0
... 728.0
MHz
32
35
dB
728.0
... 764.0
MHz
32
35
dB
764.0
... 804.0
MHz
30
37
dB
860.0
... 864.0
MHz
3
11
dB
864.0
... 869.0
MHz
13
50
dB
869.0
... 894.0
MHz
45
49
dB
@fCarrier 871.4
... 891.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (8).
46
51
dB
1559.0
... 1563.0
MHz
38
41
dB
1565.420 ... 1573.374 MHz
38
41
dB
1573.374 ... 1577.466 MHz
38
41
dB
1577.466 ... 1585.420 MHz
38
41
dB
1597.5515 ... 1605.886 MHz
39
42
dB
1638.0
... 1708.0
MHz
39
43
dB
1844.9
... 1879.9
MHz
40
45
dB
1884.5
... 1919.6
MHz
42
47
dB
1930.0
... 1990.0
MHz
44
47
dB
2110.0
... 2170.0
MHz
44
47
dB
2400.0
... 2547.0
MHz
36
41
dB
3286.0
... 3406.0
MHz
31
36
dB
4110.0
... 4255.0
MHz
29
34
dB
4900.0
... 5950.0
MHz
20
25
dB


Similar Part No. - B39881B8547P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B8506P810 TDK-B39881B8506P810 Datasheet
262Kb / 14P
   SAW Duplexer
logo
EPCOS
B39881B8553P810 EPCOS-B39881B8553P810 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
logo
TDK Electronics
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
B39881B8568P810 TDK-B39881B8568P810 Datasheet
284Kb / 15P
   SAW Duplexer
B39881B8576P810 TDK-B39881B8576P810 Datasheet
257Kb / 15P
   SAW Duplexer
More results

Similar Description - B39881B8547P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com