Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR300N-D0 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # IR300N-D0
Description  3mm Lamp Type 940nm Infrared Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

IR300N-D0 Datasheet(HTML) 8 Page - CT Micro International Corporation

  IR300N-D0 Datasheet HTML 1Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 2Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 3Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 4Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 5Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 6Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 7Page - CT Micro International Corporation IR300N-D0 Datasheet HTML 8Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 8
May, 2014
IR300N-D0
3mm Lamp Type 940nm Infrared Emitter
DISCLAIMER
CT MICRO RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. CT MICRO DOES NOT ASSUME ANY LIABILITY
ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
______________________________________________________________________________________
CT MICRO ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT EXPRESS WRITTEN APPROVAL OF CT MICRO INTERNATIONAL CORPORATION.
1.
Life support devices or systems are devices or
systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life,
or (c) whose failure to perform when properly used
in accordance with instruction for use provided in
the labelling, can be reasonably expected to result
in significant injury to the user.
2.
A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.


Similar Part No. - IR300N-D0

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
IR300N-F0 CTMICRO-IR300N-F0 Datasheet
784Kb / 8P
   3mm Lamp Type 940nm Infrared Emitte
More results

Similar Description - IR300N-D0

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
IR500N-C0 CTMICRO-IR500N-C0 Datasheet
785Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
IR500N-D0 CTMICRO-IR500N-D0 Datasheet
783Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
IR300N-F0 CTMICRO-IR300N-F0 Datasheet
784Kb / 8P
   3mm Lamp Type 940nm Infrared Emitte
IR500N-E0 CTMICRO-IR500N-E0 Datasheet
672Kb / 8P
   5mm Lamp Type 940nm Infrared Emitter
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
   SMD Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
   SMD Type 940nm Infrared Emitter
IRP1608Q06-B30 CTMICRO-IRP1608Q06-B30 Datasheet
778Kb / 9P
   SMD Type 940nm Infrared Emitter
IRC3528Q19-B20 CTMICRO-IRC3528Q19-B20 Datasheet
737Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
   SMD Type 940nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com