Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIRP1608Q06-B30 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # HIRP1608Q06-B30
Description  SMD Type 850nm Infrared Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

HIRP1608Q06-B30 Datasheet(HTML) 8 Page - CT Micro International Corporation

  HIRP1608Q06-B30 Datasheet HTML 1Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 2Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 3Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 4Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 5Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 6Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 7Page - CT Micro International Corporation HIRP1608Q06-B30 Datasheet HTML 8Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CT Micro
Rev 0(Preliminary)
Proprietary & Confidential
Page 8
Oct, 2014
HIRP1608Q06-B30
SMD Type 850nm Infrared Emitter
DISCLAIMER
CT MICRO RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS
HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. CT MICRO DOES NOT ASSUME ANY LIABILITY
ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
______________________________________________________________________________________
CT MICRO ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT EXPRESS WRITTEN APPROVAL OF CT MICRO INTERNATIONAL CORPORATION.
1.
Life support devices or systems are devices or
systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life,
or (c) whose failure to perform when properly used
in accordance with instruction for use provided in
the labelling, can be reasonably expected to result
in significant injury to the user.
2.
A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.


Similar Part No. - HIRP1608Q06-B30

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRP1608Q08-B30 CTMICRO-HIRP1608Q08-B30 Datasheet
975Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-G0 CTMICRO-HIRP1608Q09-G0 Datasheet
829Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
More results

Similar Description - HIRP1608Q06-B30

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRC3020Q13-B20 CTMICRO-HIRC3020Q13-B20 Datasheet
772Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP1608W11-B10 CTMICRO-HIRP1608W11-B10 Datasheet
1,001Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608XS08-B30 CTMICRO-HIRP1608XS08-B30 Datasheet
937Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRC3528Q19-B20 CTMICRO-HIRC3528Q19-B20 Datasheet
729Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRP3015Q12-K6 CTMICRO-HIRP3015Q12-K6 Datasheet
844Kb / 10P
   SMD Type 850nm Infrared Emitter
HIRP2406W14-B10 CTMICRO-HIRP2406W14-B10 Datasheet
964Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-G0 CTMICRO-HIRP1608Q09-G0 Datasheet
829Kb / 8P
   SMD Type 850nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com