Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIRC2808Q12-B20 Datasheet(PDF) 7 Page - CT Micro International Corporation

Part # HIRC2808Q12-B20
Description  SMD Type 855nm Infrared Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

HIRC2808Q12-B20 Datasheet(HTML) 7 Page - CT Micro International Corporation

  HIRC2808Q12-B20 Datasheet HTML 1Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 2Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 3Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 4Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 5Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 6Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 7Page - CT Micro International Corporation HIRC2808Q12-B20 Datasheet HTML 8Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CT Micro
Rev 0(Preliminary)
Proprietary & Confidential
Page 7
Mar, 2014
HIRC2808Q12-B20
SMD Type 855nm Infrared Emitter
Reflow Profile
Profile Feature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (ts) from (Tsmin to Tsmax)
60-120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60
– 150 seconds
Peak Body Package Temperature
260°C +0°C / -5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max
Time 25°C to Peak Temperature
8 minutes max.


Similar Part No. - HIRC2808Q12-B20

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
HIRC3020Q13-B20 CTMICRO-HIRC3020Q13-B20 Datasheet
772Kb / 8P
   SMD Type 850nm Infrared Emitter
HIRC3528Q19-B20 CTMICRO-HIRC3528Q19-B20 Datasheet
729Kb / 8P
   SMD Type 850nm Infrared Emitter
More results

Similar Description - HIRC2808Q12-B20

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
IRP1608XA09-H5 CTMICRO-IRP1608XA09-H5 Datasheet
803Kb / 9P
   SMD Type 915nm Infrared Emitter
SIRP3015X12-J5 CTMICRO-SIRP3015X12-J5 Datasheet
761Kb / 8P
   SMD Type 880nm Infrared Emitter
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
IRP1608XB09-H5 CTMICRO-IRP1608XB09-H5 Datasheet
804Kb / 9P
   SMD Type 970nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
IRC3528Q19-B20 CTMICRO-IRC3528Q19-B20 Datasheet
737Kb / 8P
   SMD Type 940nm Infrared Emitter
IRP2406W14-B10 CTMICRO-IRP2406W14-B10 Datasheet
960Kb / 8P
   SMD Type 940nm Infrared Emitter
HIRP1608XS08-B30 CTMICRO-HIRP1608XS08-B30 Datasheet
937Kb / 9P
   SMD Type 850nm Infrared Emitter
IRP3015W12-J5 CTMICRO-IRP3015W12-J5 Datasheet
853Kb / 9P
   SMD Type 940nm Infrared Emitter
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
   SMD Type 850nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com