Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39262B5185U410 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39262B5185U410
Description  SAW Components SAW RF filter for base stations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39262B5185U410 Datasheet(HTML) 3 Page - TDK Electronics

  B39262B5185U410 Datasheet HTML 1Page - TDK Electronics B39262B5185U410 Datasheet HTML 2Page - TDK Electronics B39262B5185U410 Datasheet HTML 3Page - TDK Electronics B39262B5185U410 Datasheet HTML 4Page - TDK Electronics B39262B5185U410 Datasheet HTML 5Page - TDK Electronics B39262B5185U410 Datasheet HTML 6Page - TDK Electronics B39262B5185U410 Datasheet HTML 7Page - TDK Electronics B39262B5185U410 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 26, 2013
B5185
2595.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Terminating load impedance:
ZL =
50
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2595.00
MHz
Maximum insertion attenuation
α
max
2575.0 ... 2615.0 MHz
1.6
2.4
dB
Amplitude ripple (p-p)
∆α
2575.0 ... 2615.0 MHz
0.4
1.0
dB
VSWR
2575.0 ... 2615.0 MHz
1.5
2.0
Absolute attenuation
α
abs
50.0 ...
2300.0 MHz
25
31
dB
2300.0 ... 2510.0 MHz
23
27
dB
2667.0 ... 2670.0 MHz
20
46
dB
2670.0 ... 2690.0 MHz
28
37
dB
2700.0 ... 3000.0 MHz
26
37
dB
3000.0 ... 5400.0 MHz
20
23
dB


Similar Part No. - B39262B5185U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39262B5139U410 TDK-B39262B5139U410 Datasheet
145Kb / 8P
   SAW Components SAW filter
logo
EPCOS
B39262B5154U410 EPCOS-B39262B5154U410 Datasheet
255Kb / 8P
   SAW filter for base station TD-LTE
logo
TDK Electronics
B39262B5154U410 TDK-B39262B5154U410 Datasheet
256Kb / 8P
   SAW Components SAW filter for base station
B39262B5164U410 TDK-B39262B5164U410 Datasheet
151Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
More results

Similar Description - B39262B5185U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39142B5128U410 TDK-B39142B5128U410 Datasheet
142Kb / 8P
   SAW Components SAW RF filter for base stations
B39821B3836U410 TDK-B39821B3836U410 Datasheet
108Kb / 8P
   SAW Components SAW RF filter for base stations
B39721B5309U410 TDK-B39721B5309U410 Datasheet
134Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5303U410 TDK-B39262B5303U410 Datasheet
208Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5304U410 TDK-B39262B5304U410 Datasheet
149Kb / 8P
   SAW Components SAW RF filter for base stations
B39242B5302U410 TDK-B39242B5302U410 Datasheet
212Kb / 10P
   SAW Components SAW RF filter for base stations
B39262B5164U410 TDK-B39262B5164U410 Datasheet
151Kb / 8P
   SAW Components SAW RF filter for base stations
B39262B5175U410 TDK-B39262B5175U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39152B5163U410 TDK-B39152B5163U410 Datasheet
146Kb / 8P
   SAW Components SAW RF filter for base stations
B39781B5199U410 TDK-B39781B5199U410 Datasheet
144Kb / 9P
   SAW Components SAW RF filter for base stations
B39711B5107U410 TDK-B39711B5107U410 Datasheet
152Kb / 9P
   SAW Components SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com