Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39242B9498P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39242B9498P810
Description  SAW Components SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39242B9498P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39242B9498P810 Datasheet HTML 1Page - TDK Electronics B39242B9498P810 Datasheet HTML 2Page - TDK Electronics B39242B9498P810 Datasheet HTML 3Page - TDK Electronics B39242B9498P810 Datasheet HTML 4Page - TDK Electronics B39242B9498P810 Datasheet HTML 5Page - TDK Electronics B39242B9498P810 Datasheet HTML 6Page - TDK Electronics B39242B9498P810 Datasheet HTML 7Page - TDK Electronics B39242B9498P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
April 20, 2012
B9498
2350.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Filter
Data sheet
Application
s
Low-loss RF filter for mobile telephone
TD-LTE Band 40 systems
s
Unbalanced to balanced operation
s
Low amplitude ripple
s
Usable passband: 100 MHz
s
Impedance transformation from 50
Ω to 150 Ω
Features
s
Package size 1.4 x 1.1 x 0.4 mm3
s
RoHS compatible
s
Approx. weight 0.003g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitive Level 3
Pin configuration
s
1
Input, unbalanced
s
3,4
Output, balanced
s
2,5
Case-ground


Similar Part No. - B39242B9498P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39242B9410K610 EPCOS-B39242B9410K610 Datasheet
102Kb / 8P
   SAW filter 2441.75 MHz
B39242B9410K610 EPCOS-B39242B9410K610 Datasheet
80Kb / 8P
   SAW filter for mobile communications
B39242B9413K610 EPCOS-B39242B9413K610 Datasheet
91Kb / 8P
   SAW filter Bluetooth
B39242B9447K610 EPCOS-B39242B9447K610 Datasheet
97Kb / 8P
   SAW filter Bluetooth
More results

Similar Description - B39242B9498P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3923U410 TDK-B39162B3923U410 Datasheet
121Kb / 8P
   SAW Components SAW filter
B39431B3933H110 TDK-B39431B3933H110 Datasheet
110Kb / 10P
   SAW Components SAW filter
B39431B3743H110 TDK-B39431B3743H110 Datasheet
111Kb / 10P
   SAW Components SAW filter
B39431B3748H110 TDK-B39431B3748H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39311B3713U410 TDK-B39311B3713U410 Datasheet
86Kb / 8P
   SAW Components SAW filter
B39321B3719H110 TDK-B39321B3719H110 Datasheet
98Kb / 9P
   SAW Components SAW filter
B39321B3741H110 TDK-B39321B3741H110 Datasheet
112Kb / 10P
   SAW Components SAW filter
B39451B3737H110 TDK-B39451B3737H110 Datasheet
126Kb / 11P
   SAW Components SAW filter
B39262B8804P810 TDK-B39262B8804P810 Datasheet
119Kb / 8P
   SAW Components SAW filter
B39242B3912U410 TDK-B39242B3912U410 Datasheet
97Kb / 9P
   SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com