Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLC1538-152ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MLC1538-152ML_
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MLC1538-152ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  MLC1538-152ML_ Datasheet HTML 1Page - Coilcraft lnc. MLC1538-152ML_ Datasheet HTML 2Page - Coilcraft lnc. MLC1538-152ML_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–MLC12xx/15xx Series
Document 327-2
Document 327-2 Revised 09/08/15
Inductance2
DCR (mOhm)
SRF typ3
Isat (A)4
Irms (A)5
Height
Part number1
±20% (µH)
typ
max
(MHz)
10% drop 20% drop
20°C rise 40°C rise
max (mm)
13.2 mm × 14.x mm body size (see previous page for 10.5 mm × 11.x mm body size)
MLC1565-451ML_
0.45
0.864
0.951
100
32.8
54.0
18.0
25.6
6.5
MLC1565-501ML_
0.50
0.864
0.951
110
21.3
38.1
18.6
26.9
6.5
MLC1555-551ML_
0.55
1.34
1.48
90
20.8
35.7
16.1
22.3
5.6
MLC1565-801ML_
0.80
1.20
1.32
89
27.4
47.4
17.4
24.6
6.5
MLC1560-901ML_
0.90
1.72
1.90
76
17.8
28.7
14.6
20.6
6.0
MLC1538-102ML_
1.0
3.46
3.81
77
13.6
21.2
11.5
16.7
3.9
MLC1550-102ML_
1.0
1.72
1.90
73
16.1
27.3
13.9
19.7
5.2
MLC1565-142ML_
1.4
2.20
2.42
65
18.9
30.1
13.7
19.9
6.5
MLC1538-152ML_
1.5
4.36
4.80
50
13.4
21.0
10.6
14.6
3.9
MLC1565-202ML_
2.0
3.47
3.82
55
15.2
24.2
11.6
16.3
6.5
MLC1538-222ML_
2.2
5.90
6.50
46
9.0
15.0
7.5
10.6
3.9
MLC1550-252ML_
2.5
3.43
3.74
45
10.9
17.7
11.5
15.8
5.2
MLC1565-282ML_
2.8
4.10
4.51
43
13.7
22.3
10.7
15.2
6.5
MLC1555-302ML_
3.0
4.06
4.47
41
11.1
18.1
10.9
15.6
5.6
MLC1538-332ML_
3.3
8.80
9.68
40
7.40
12.2
5.95
9.86
3.9
MLC1565-372ML_
3.7
3.10
3.40
40
8.13
13.63
12.17
16.58
6.5
MLC1550-452ML_
4.5
7.13
7.85
34
7.12
11.8
8.43
11.7
5.2
MLC1565-472ML_
4.7
4.00
4.40
32
6.23
10.57
10.98
15.57
6.5
MLC1565-602ML_
6.0
5.50
6.05
26
5.60
9.57
9.27
13.62
6.5
MLC1565-732ML_
7.3
7.20
7.92
29
5.10
8.60
8.60
12.01
6.5
MLC1565-922ML_
9.2
9.70
10.60
26
4.57
7.80
7.19
10.18
6.5
MLC1565-113ML_
11.3
10.60
11.60
23
4.07
7.03
6.87
9.46
6.5
MLC1565-133ML_
13.0
12.57
13.75
21
3.93
6.70
6.12
8.65
6.5
MLC1565-153ML_
15.4
16.40
18.00
21
3.43
5.77
5.63
7.75
6.5
1. When ordering, please specify
termination and packaging codes:
MLC1565-153MLC
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481 embossed plastic
tape.
B= Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D= 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using a Coilcraft
SMD-A fixture in an Agilent/HP 4284A LCR meter.
3. SRF measured using an Agilent/HP4291A impedance analyzer and a
Coilcraft 16193 fixture.
4. DC current at which the inductance drops the specified amount from its
value without current.
5. Current that causes the specified temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
A
B
C
Max height.
See electrical
specifications
table.
D
E
E
F
G
Recommended
Land Pattern
MLCxxxx
-xxxML
XXXX Y
Parts manufactured prior
to March 2012 may be
marked differently.
Part number
Internal code
Body
A
B
Size
max
max
C
D
E
F
G
1240
11.2
10.5
1.8
2.3
4.0
4.0
2.7
1245
11.2
10.5
1.8
2.3
4.0
4.0
2.7
1250
11.2
10.5
1.8
2.3
4.0
4.0
2.7
1255
11.4
10.5
1.8
2.3
4.0
4.0
2.7
1260
11.4
10.5
1.8
2.3
4.0
4.0
2.7
1265
11.4
10.5
1.8
2.3
4.0
4.0
2.7
1538
13.8
13.2
2.4
3.0
5.0
5.4
3.4
1550
13.8
13.2
2.4
3.0
5.0
5.4
3.4
1555
13.8
13.2
2.4
3.0
5.0
5.4
3.4
1560
13.8
13.2
2.4
3.0
5.0
5.4
3.4
1565
14.0
13.2
2.4
3.0
5.0
5.4
3.4
All dimensions are in mm.
Tape and Reel (24 mm wide plastic tape)
Quantity
Tape thickness
Pocket
Pocket
7
″ reel 13″ reel
(mm)
spacing (mm) depth (mm)
MLC1240
250
900
0,35
16
4,45
MLC1245
200
800
0,35
16
4,95
MLC1250
200
700
0,40
16
5,45
MLC1255
200
700
0,40
16
5,95
MLC1260
175
600
0,40
16
6,50
MLC1265
150
600
0,40
16
6,70
MLC1538
200
800
0,35
20
4,00
MLC1550
150
600
0,40
20
5,45
MLC1555
125
500
0,40
20
5,95
MLC1560
125
500
0,40
20
6,20
MLC1565
125
500
0,40
20
6,50


Similar Part No. - MLC1538-152ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MLC1538-152ML_ COILCRAFT-MLC1538-152ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
MLC1538-152ML_ COILCRAFT-MLC1538-152ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
MLC1538-152ML_ COILCRAFT-MLC1538-152ML_ Datasheet
193Kb / 3P
   Shielded Power Inductors
More results

Similar Description - MLC1538-152ML_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com