Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLC1260-172ML_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MLC1260-172ML_
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MLC1260-172ML_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MLC1260-172ML_ Datasheet HTML 1Page - Coilcraft lnc. MLC1260-172ML_ Datasheet HTML 2Page - Coilcraft lnc. MLC1260-172ML_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power InductorsMLC12xx/15xx
Document 327-1
Document 327-1 Revised 09/08/15
Core material Iron
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS tin-silver over copper. Other terminations
available at additional cost.
Weight MLC12xx 1.91 – 3.04 g; MLC15xx 2.73 – 5.12 g
Ambient temperature –40°C to +85°C with
Irms current
Maximum part temperature: The part may be operated without
damage as long its temperature (ambient + self-heating) does not
exceed +125°C.
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Soft saturation makes them ideal for VRD/VRM applications
• Special materials eliminate all thermal aging issues.
Inductance2
DCR (mOhm)
SRF typ3
Isat (A)4
Irms (A)5
Height
Part number1
±20% (µH)
typ
max
(MHz)
10% drop 20% drop
20°C rise 40°C rise
max (mm)
10.5 mm × 11.x mm body size (see next page for 13.2 mm × 14.x mm body size)
MLC1265-361ML_
0.36
0.93
1.03
110
26.9
42.6
16.5
22.7
6.5
MLC1260-401ML_
0.40
0.93
1.03
110
21.0
35.2
16.3
21.9
6.1
MLC1255-421ML_
0.42
0.93
1.03
98
21.1
34.5
16.8
24.1
5.6
MLC1240-451ML_
0.45
1.73
1.91
100
16.5
24.9
12.8
19.8
4.1
MLC1265-701ML_
0.70
1.24
1.37
82
16.4
27.5
15.2
21.0
6.5
MLC1250-801ML_
0.80
2.35
2.59
89
13.3
21.7
12.4
17.3
5.1
MLC1240-901ML_
0.90
2.57
2.83
73
13.9
22.8
11.9
16.3
4.1
MLC1260-122ML_
1.20
2.38
2.62
72
14.0
23.3
12.3
17.6
6.1
MLC1255-122ML_
1.20
2.38
2.62
71
14.1
22.4
12.4
17.5
5.6
MLC1250-132ML_
1.30
2.38
2.62
61
10.8
17.7
11.7
16.5
5.3
MLC1245-152ML_
1.50
4.08
4.49
62
10.7
17.3
10.3
14.2
4.6
MLC1260-172ML_
1.75
2.84
3.13
70
12.1
19.2
10.9
15.3
6.1
MLC1260-222ML_
2.20
4.30
4.73
63
10.8
17.2
12.8
17.2
6.1
MLC1260-332ML_
3.30
5.10
5.60
52
8.80
14.4
12.6
16.7
6.1
MLC1245-402ML_
4.00
8.18
9.00
39
7.42
11.8
6.9
9.8
4.8
MLC1260-472ML_
4.70
8.97
9.67
38
8.20
13.4
8.8
12.2
6.1
MLC1260-682ML_
6.80
9.76
10.74
35
5.80
9.8
8.3
11.7
6.1
MLC1260-822ML_
8.20
10.68
11.75
28
5.20
9.0
7.9
10.8
6.1
1. When ordering, please specify
termination and packaging codes:
MLC1245-402MLC
Termination: L = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481 embossed plastic
tape.
B= Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D= 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using a Coilcraft
SMD-A fixture in an Agilent/HP 4284A LCR meter.
3. SRF measured using an Agilent/HP4291A impedance analyzer and a
Coilcraft 16193 fixture.
4. DC current at 25°C that causes the specified inductance drop from its
value without current. Click for temperature derating information.
5. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
NEW
NEW
NEW
NEW
NEW


Similar Part No. - MLC1260-172ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MLC1260-172MLB COILCRAFT-MLC1260-172MLB Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
MLC1260-172MLB COILCRAFT-MLC1260-172MLB Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
MLC1260-172MLC COILCRAFT-MLC1260-172MLC Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
MLC1260-172MLC COILCRAFT-MLC1260-172MLC Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
MLC1260-172MLD COILCRAFT-MLC1260-172MLD Datasheet
163Kb / 3P
   Shielded Power Inductors MLC12xx/15xx
More results

Similar Description - MLC1260-172ML_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com