Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS8045B-333MR_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS8045B-333MR_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS8045B-333MR_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS8045B-333MR_ Datasheet HTML 1Page - Coilcraft lnc. LPS8045B-333MR_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LPS8045 Shielded Power Inductors
Document 968-2
Document 968-2 Revised 09/02/15
L vs Current
Typical L vs Frequency
4
10
100
1000
100 µH
330 µH
1000 µH
33 µH
10 µH
0.1
1
100
10
Frequency (MHz)
100 µH
150 µH
220 µH
330 µH
470 µH
680 µH
1000 µH
68 µH
47 µH
33 µH
22 µH
15 µH
10 µH
6.8 µH
0.01
0.1
10
1
Current (A)
4
10
100
1000
Dimensions are in
inches
mm
0.1772 ±0.008
4,50± 0,20
0.315 ±0.003
8,00 ±0,076
0.315 ±0.003
8,00 ±0,076
*
*
Dash
number
Internal
code
B XXX X
Recommended
Land Pattern
0.339
8,61
0.205
5,21
0.134
3,40
0.126
3,19
0.126
3,19
0.117
2,98
0.117
2,98
0.072
1,84
0.072
1,84
Dimensions are of the case not
including the termination. For
maximum overall dimensions
including the termination, add
0.005 in/ 0,13 mm.
For optional tin-lead and tin-
silver-copper terminations,
dimensions are for the mounted
part. Dimensions before
mounting can be an additional
0.005 inch/ 0,13 mm).
*


Similar Part No. - LPS8045B-333MR_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS8045B-333MR COILCRAFT-LPS8045B-333MR Datasheet
200Kb / 2P
   Shielded Power Inductors
More results

Similar Description - LPS8045B-333MR_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com