Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKYA21001 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKYA21001
Description  20 MHz to 3.0 GHz SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKYA21001 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKYA21001 Datasheet HTML 1Page - Skyworks Solutions Inc. SKYA21001 Datasheet HTML 2Page - Skyworks Solutions Inc. SKYA21001 Datasheet HTML 3Page - Skyworks Solutions Inc. SKYA21001 Datasheet HTML 4Page - Skyworks Solutions Inc. SKYA21001 Datasheet HTML 5Page - Skyworks Solutions Inc. SKYA21001 Datasheet HTML 6Page - Skyworks Solutions Inc. SKYA21001 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATA SHEET
• SKYA21001: SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202936E • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 24, 2015
5
Evaluation Board Description
The SKYA21001 Evaluation Board is used to test the performance
of the SKYA21001 SPDT switch. An Evaluation Board schematic
diagram is provided in Figure 5. An assembly drawing for the
Evaluation Board is shown in Figure 6.
Package Dimensions
Package dimensions for the 6-pin SC-70 are shown in Figure 7,
and tape and reel dimensions are provided in Figure 8.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKYA21001 is rated to Moisture Sensitivity Level 1 (MSL1) at
260
C. It can be used for lead or lead-free soldering.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
1
2
3
4
5
6
J3
J2
J1
RF Output
RF Output
RF Output
V2
V1
GND
S2108
C3
C2
C1
DC Control
Voltage
DC Control
Voltage
Note: Use 100 pF blocking capacitors (C1, C2, C3) for >500 MHz operation. Higher values
recommended for lower frequency operation. Exposed paddle must be grounded.
Use 10 nF blocking capacitors (C1, C2, C3) for <50 MHz operation.
Figure 5. SKYA21001 Evaluation Board Schematic
V2
J1
J2
C2
R1
V1
C1
R2
C3
J3
R1 = R2 = 0
Ω
Y1157
Figure 6. SKYA21001 Evaluation Board Assembly Diagram


Similar Part No. - SKYA21001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21003 SKYWORKS-SKYA21003 Datasheet
175Kb / 2P
   0.1 to 6.0 GHz SPDT Switch
SKYA21004 SKYWORKS-SKYA21004 Datasheet
5Mb / 26P
   Three-Channel LCD Bias Power Management IC with Three-Channel High-Efficiency White LED Driver
More results

Similar Description - SKYA21001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13587-378LF SKYWORKS-SKY13587-378LF Datasheet
849Kb / 9P
   20 MHz to 6.0 GHz GaAs SPDT Switch
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2408TB NEC-UPG2408TB Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2408TK NEC-UPG2408TK Datasheet
112Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2408TB CEL-UPG2408TB Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
   0.01 to 3.0 GHz SPDT SWITCH
UPG2408TB CEL-UPG2408TB_09 Datasheet
720Kb / 12P
   0.05 to 3.0 GHz SPDT SWITCH
logo
NEC
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
   0.01 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2408TB RENESAS-PG2408TB_15 Datasheet
241Kb / 14P
   0.05 to 3.0 GHz SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com