Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPL3314-822ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # EPL3314-822ML_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL3314-822ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  EPL3314-822ML_ Datasheet HTML 1Page - Coilcraft lnc. EPL3314-822ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors – EPL3314 Series
Document 633-2
Typical L vs Current
Typical L vs Frequency
0.130 ±0.008
3,3 ±0,2
0.126 ±0.008
3,2 ±0,2
0.057
1,45
max
0.146
3,7
0.146
3,7
0.043
1,1
0.049
1,24 min
Recommended
Land Pattern
Part Marking
1st
digit
significant
2nd
significant
digit
Multiplier
min
0.1
1
10
100
0.01
0.1
10
1
Current (A)
10 µH
8.2 µH
15 µH
4.7 µH
2.2 µH
3.3 µH
1.0 µH
47 µH
10 µH
15 µH
47 µH
4.7 µH
8.2 µH
2.2 µH
3.3 µH
1.0 µH
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
Dimensions are in
inches
mm
Part Marking (Parts manufactured prior to Oct.20, 2009 may not be marked.)
Part number
Value
1st digit
2nd digit
Multiplier
EPL3314-102
1.0 µH
Brown
Black
Red
EPL3314-222
2.2 µH
Red
Red
Red
EPL3314-332
3.3 µH
Orange
Orange
Red
EPL3314-472
4.7 µH
Yellow
Violet
Red
EPL3314-822
8.2µH
Gray
Red
Red
EPL3314-103
10 µH
Brown
Black
Orange
EPL3314-153
15 µH
Brown
Green
Orange
EPL3314-473
47 µH
Yellow
Violet
Orange
Note: All marked parts have three dots.Black dot, used only on -102 and -103 as
second significant digit, may be very difficult to see.
Small surface blemishes are not unusual and do not adversely affect performance.
Wire may be visible inside the voids.
Acceptable void sizes:
Top: 0.01 in / 0,254 mm × 0.01 in / 0,254 mm
Sides: 0.02 in / 0,5 mm × 0.047 in / 1,2 mm
Document 633-2 Revised 09/08/15


Similar Part No. - EPL3314-822ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL3314-822ML COILCRAFT-EPL3314-822ML Datasheet
160Kb / 2P
   Shielded Power Inductors
More results

Similar Description - EPL3314-822ML_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com