Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPL3010-301ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # EPL3010-301ML_
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL3010-301ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  EPL3010-301ML_ Datasheet HTML 1Page - Coilcraft lnc. EPL3010-301ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductors – EPL3010 Series
Document 615-2
L vs Current
L vs Frequency
Dimensions are in
inches
mm
Small surface blemishes are not unusual and do not adversely affect performance.
Wire may be visible inside the voids.
Acceptable void sizes:
Top: 0.01 in / 0,254 mm × 0.01 in / 0,254 mm
Sides: 0.02 in / 0,5 mm × 0.047 in / 1,2 mm
Part Marking (Parts manufactured prior to Oct.20, 2009 may not be marked.)
Part number
Value
1st digit
2nd digit
Multiplier
EPL3010-301
0.27 µH
Orange
Black
Brown
EPL3010-102
1.0 µH
Brown
Black
Red
EPL3010-152
1.5 µH
Brown
Green
Red
EPL3010-222
2.2 µH
Red
Red
Red
EPL3010-472
4.7 µH
Yellow
Violet
Red
EPL3010-103
10 µH
Brown
Black
Orange
EPL3010-223
22 µH
Red
Red
Orange
Note: All marked parts have three dots.Black dot, used only on -301, -102 and
-103 as second significant digit, may be very difficult to see.
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
10 µH
22 µH
2.2 µH
1.5 µH
1.0 µH
0.30 µH
4.7 µH
0.1
1
10
100
0.01
0.1
10
1
Current (A)
10 µH
2.2 µH
4.7 µH
1.0 µH
0.30 µH
1.5 µH
22 µH
0.118 ±0.008
3,0 ±0,2
0.118 ±0.008
3,0 ±0,2
0.082
2,08
0.126
3,2
0.044
1,12
Recommended
Land Pattern
Part Marking
1st
digit
significant
2nd
significant
digit
Multiplier
0.106 ±0.008
2,69 ±0,20
0.030
0,77
±0.008
±0,20
min
typ
0.043
1,10
0.050
1,26
0.043
1,1
max
Start
Finish
Document 615-2 Revised 09/08/15


Similar Part No. - EPL3010-301ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL3010-301ML COILCRAFT-EPL3010-301ML Datasheet
196Kb / 2P
   SMT Power Inductors
EPL3010-301ML COILCRAFT-EPL3010-301ML Datasheet
152Kb / 2P
   Shielded Power Inductors
More results

Similar Description - EPL3010-301ML_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com