Electronic Components Datasheet Search |
|
EPL2014 Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
EPL2014 Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page ShieldedPowerInductors– EPL2014 Document 583-1 Document 583-1 Revised 09/08/15 Inductance2 DCR (Ohms)3 SRF typ4 Isat (A)5 Irms (A)6 Part number1 ±20% (µH) nom max (MHz) 10% drop 20% drop 30% drop 20°C rise 40°C rise EPL2014-271ML_ 0.27 0.030 0.036 570 1.50 2.30 2.80 2.04 2.73 EPL2014-301ML_ This part number has been changed to EPL2014-271. The EPL2014-301 is not available EPL2014-421ML_ 0.42 0.037 0.044 438 1.40 2.00 2.40 1.93 2.57 EPL2014-471ML_ This part number has been changed to EPL2014-421. The EPL2014-471 is not available EPL2014-601ML_ 0.60 0.043 0.052 290 1.20 1.80 2.25 1.83 2.43 EPL2014-821ML_ 0.82 0.051 0.061 163 0.950 1.40 1.75 1.49 2.03 EPL2014-102ML_ 1.0 0.059 0.071 153 0.900 1.30 1.68 1.43 1.94 EPL2014-152ML_ 1.5 0.075 0.086 109 0.720 1.20 1.60 1.34 1.86 EPL2014-222ML_ 2.2 0.120 0.132 80 0.600 0.980 1.30 1.07 1.42 EPL2014-332ML_ 3.3 0.152 0.167 62 0.540 0.800 1.10 0.923 1.23 EPL2014-472ML_ 4.7 0.231 0.254 46 0.380 0.650 0.880 0.788 1.06 EPL2014-682ML_ 6.8 0.287 0.316 44 0.350 0.590 0.800 0.676 0.915 EPL2014-822ML_ 8.2 0.378 0.416 39 0.290 0.500 0.680 0.640 0.849 EPL2014-103ML_ 10 0.440 0.459 33 0.250 0.450 0.600 0.564 0.729 Designer’s Kit C413 contains 5 each of all values Core material Ferrite Environmental RoHS compliant, halogen free Terminations Since March, 2009: RoHS compliant tin-silver-copper (96.5/3/0.5) over tin over nickel over silver-platinum. Prior to March, 2009: RoHS compliant tin-silver-copper over gold over nickel over silver- platinum. Weight 20 – 25 mg Ambient temperature –40°C to +85°C with (40°C rise) Irms current. Maximum part temperature +125°C (ambient + temp rise). Derating. Storage temperature Component: –40°C to +125°C. Tape and reel packaging: –40°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 2000/7 ″ reel; 7500/13″ reel Plastic tape: 8 mm wide, 0.28 mm thick, 4 mm pocket spacing, 1.65 mm pocket depth PCB washing Tested to MIL-STD-202 Method 215 plus an additional aqueous wash. See Doc787_PCB_Washing.pdf. • Extremely low DCR and very high SRF ratings • Isat ratings as high as 2.8 A 2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using Agilent/HP 4395A network analyzer or equivalent. 5. DC current at 25°C that causes the specified inductance drop from its value without current. Click for temperature derating information. 6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute maximum ratings. Click for temperature derating information. 7. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. 1. When ordering, please specify termination and packaging codes: EPL2014-103MLC Termination:L = RoHS compliant tin-silver-copper over tin over nickel Special order, added cost: S = non-RoHS tin-lead (63/37). Packaging: C = 7 ″ machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 ″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (7500 parts per full reel). |
Similar Part No. - EPL2014_15 |
|
Similar Description - EPL2014_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |