Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB10-Q24-D12 Datasheet(PDF) 4 Page - CUI INC

Part # PYB10-Q24-D12
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB10-Q24-D12 Datasheet(HTML) 4 Page - CUI INC

  PYB10-Q24-D12 Datasheet HTML 1Page - CUI INC PYB10-Q24-D12 Datasheet HTML 2Page - CUI INC PYB10-Q24-D12 Datasheet HTML 3Page - CUI INC PYB10-Q24-D12 Datasheet HTML 4Page - CUI INC PYB10-Q24-D12 Datasheet HTML 5Page - CUI INC PYB10-Q24-D12 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PYB10-T & PYB10-U │ DESCRIPTION: DC-DC CONVERTER
date
08/16/2013 │ page 4 of 6
Recommended external circuit components
Vin (Vdc)
24
48
FUSE
Choose according to input current
MOV
S14K35
S14K60
LDM1
56μH56μH
TVS
SMCJ48A
SMCJ90A
C0
330μF/50V
330μF/100V
C1
1μF/50V
1μF/100V
LDM2
4.7μH
4.7μH
CY1
1 nF/2 KV
1 nF/2 KV
CY2
1 nF/2 KV
1 nF/2 KV
EMC RECOMMENDED CIRCUIT
DERATING CURVES
LDM2
C0
TVS
LDM1
MOV
FUSE
(a)
(b)
C1
Vin
GND
+
Vin
GND
+Vo
-Vo
(0V)
EUT
LOAD
CY2
CY1
Figure 1
Figure 2
Table 2
Table 1
TEST CONFIGURATION
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Note:
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
External components
Lin
4.7μH
Cin
220μF, ESR < 1.0Ω
at 100 KHz
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
85
71
Temperature Derating Curve
Safe operating area
For more information, please visit the product page.


Similar Part No. - PYB10-Q24-D12

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB10-Q24-D12 CUI-PYB10-Q24-D12 Datasheet
263Kb / 6P
   DC-DC CONVERTER
PYB10-Q24-D12 CUI-PYB10-Q24-D12 Datasheet
342Kb / 6P
   DC-DC CONVERTER
PYB10-Q24-D12 CUI-PYB10-Q24-D12 Datasheet
415Kb / 6P
   DC-DC CONVERTER
01/15/2021
PYB10-Q24-D12 CUI-PYB10-Q24-D12 Datasheet
932Kb / 6P
   DC-DC CONVERTER
07/22/2021
PYB10-Q24-D12-DIN CUI-PYB10-Q24-D12-DIN Datasheet
285Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - PYB10-Q24-D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com